Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LS173D Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza SN74LS173D
Descripción Electrónicos  4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS173D Datasheet(HTML) 4 Page - Motorola, Inc

  SN74LS173D Datasheet HTML 1Page - Motorola, Inc SN74LS173D Datasheet HTML 2Page - Motorola, Inc SN74LS173D Datasheet HTML 3Page - Motorola, Inc SN74LS173D Datasheet HTML 4Page - Motorola, Inc SN74LS173D Datasheet HTML 5Page - Motorola, Inc SN74LS173D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC WAVEFORMS
Figure 1
Figure 2
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
≈ 1.3 V
ts(H)
th(H)
ts(L)
th(L)
CP
D or E
Q
Q
CP
MR
tPHL
tPLH
VE
VOUT
tPLZ
tPZL
0.5 V
0.5 V
VE
VOUT
VOL
≥ VOH
tPHZ
tPZH
VCC
RL
SW1
TO OUTPUT
UNDER TEST
CL*
SW2
5 kΩ
1.3 V
1 / fmax
tW
trec
tPHL
tW
Figure 3
Figure 4
Figure 5
AC LOAD CIRCUIT
SWITCH POSITIONS
* Includes Jig and Probe Capacitance.
5-319
FAST AND LS TTL DATA
SN54/74LS173A
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com