| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LD1072SS Datasheet(PDF) 33 Page - LDT Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LD1072SS Datasheet(HTML) 33 Page - LDT Co., Ltd |
|
33 / 34 page ![]() Ver1.0 32 LD1072 16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL SERIAL DATA TRANSFER RATE Figure 29 shows a cascading connection of n LD1072 devices connected to a controller, building a basic module of an LED display system. There is no LD1072 limitation to the maximum number of ICs that can be cascaded. The maximum number of cascading LD1072 devices depends on the application system and is in the range of 40 devices. Equation 12 calculates the minimum frequency needed: f (PWMCK) = 4096 x f (update) (12) f (CLK) = 193 x f (update) x n f(PWMCK): minimum frequency needed for PWMCK f(CLK): minimum frequency needed for CLK and DIN f(update): update rate of whole cascading system n: number cascaded of LD1072 device APPLICATION EXAMPLE Figure 29. Cascading Devices DIN ERR CLK ST PWMCK MOD Controller OEB DO 100 k DC DIN ERR CLK ST PWMCK MOD OEB OUT0 OUT15 DO 100 nF LD1072 REXT IC 0 6 DC DIN ERR CLK ST PWMCK MOD OEB OUT0 OUT15 DO 100 nF LD1072 REXT IC n V (LED) VDD V (LED) V (LED) V (LED) VDD VDD VDD VDD |