Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UN2E8-6000LL Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

No. de pieza UN2E8-6000LL
Descripción Electrónicos  High Voltage 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOCAY [Socay Electornics Co., Ltd.]
Página de inicio  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-6000LL Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN2E8-6000LL Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-6000LL Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-6000LL Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-6000LL Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 / UN2H8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN2E8-XXXL
UN2E8-XXXLL
UN2H8-XXXLL
UN2H8-XXXL
Service Life
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Part Number
Figure Marking
@100V/S
@100V/
μs @1KV/μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
UN2E8-1000LL
1
UN2E8-1000L
3
1000L
1000V
±20%
1500V
1600V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-1600LL
1
UN2E8-1600L
3
1600L
1600V
±20%
2200V
2400V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2000LL
1
UN2E8-2000L
3
2000L
2000V
±20%
3000V
3500V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2500LL
1
UN2E8-2500L
3
2500L
2500V
±20%
3800V
4000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2700LL
1
UN2E8-2700L
3
2700L
2700V
±20%
3800V
4000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-3000LL
1
UN2E8-3000L
3
3000L
3000V
±20%
4300V
4500V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-3500LL
1
UN2E8-3500L
3
3500L
3500V
±20%
4800V
5000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2H8-4000LL
2
UN2H8-4000L
4
4000L
4000V
±20%
5400V
5600V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-4500LL
2
UN2H8-4500L
4
4500L
4500V
±20%
5800V
6000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-5000LL
2
UN2H8-5000L
4
5000L
5000V
±20%
6000V
6500V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-5500LL
2
UN2H8-5500L
4
5500L
5500V
±20%
6500V
7000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-6000LL
2
UN2H8-6000L
4
6000L
6000V
±20%
7500V
8000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Dimensions
(Unit: mm)
Electrical Characteristics
Figure 3
Figure 1
Figure 2
Figure 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com