Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

dsPIC30F3010 Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza dsPIC30F3010
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F3010 Datasheet(HTML) 8 Page - Microchip Technology

Back Button dsPIC30F3010 Datasheet HTML 4Page - Microchip Technology dsPIC30F3010 Datasheet HTML 5Page - Microchip Technology dsPIC30F3010 Datasheet HTML 6Page - Microchip Technology dsPIC30F3010 Datasheet HTML 7Page - Microchip Technology dsPIC30F3010 Datasheet HTML 8Page - Microchip Technology dsPIC30F3010 Datasheet HTML 9Page - Microchip Technology dsPIC30F3010 Datasheet HTML 10Page - Microchip Technology dsPIC30F3010 Datasheet HTML 11Page - Microchip Technology dsPIC30F3010 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 228 page
background image
dsPIC30F3010/3011
DS70141F-page 8
© 2010 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin QFN(1)
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
dsPIC30F3011
PWM2H/RE3
PWM3L/RE4
PWM3H/RE5
VDD
VDD
RF0
RF1
U2RX/CN17/RF4
U2TX/CN18/RF5
PGC/EMUC/U1RX/SDI1/SDA/RF2
AN4/QEA/IC7/CN6/RB4
AN5/QEB/IC8/CN7/RB5
AN6/OCFA/RB6
AN7/RB7
AN8/RB8
VDD
VSS
OSC1/CLKI
OSC2/CLKO/RC15
6
33
VSS
VDD
VSS
Note
1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.