| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
G3VM3F Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
G3VM3F Datasheet(HTML) 2 Page - Omron Electronics LLC |
|
2 / 86 page ![]() 24 MOS FET Relays G3VM Series Selection Guide Load voltage Contact form Package/ Terminal shape No. of terminals Model Load current (mA) Voltage withstand (VAC) ON resistance (max.) Output capacitance Additional features Page no. 20V 1 Form A SMT 8 G3VM-22FO 150 2,500 4 Ω 8 pF (typ.) Low ON resistance 62 SOP 4 G3VM-21GR 160 1,500 8 Ω 2.5 pF (max.) Low pF• Ω 70 G3VM-21GR1 300 1,500 1.5 Ω 12 pF (max.) Low pF• Ω 70 SSOP 4 G3VM-21LR 150 1,500 8 Ω 12 pF (max.) — 88 G3VM-21LR1 300 1,500 1.5 Ω 12 pF (max.) Low pF• Ω 88 40V 1 Form A SOP 4 G3VM-41GR3 80 1,500 37 Ω 1.4 pF (max.) — 72 G3VM-41GR4 250 1,500 3 Ω 7 pF (max.) Low pF• Ω 74 G3VM-41GR5 300 1,500 1.5 Ω 14 pF (max.) Low pF• Ω 74 G3VM-41GR6 120 1,500 15 Ω 2 pF (max.) Low pF• Ω 74 SSOP 4 G3VM-41LR3 80 1,500 35 Ω 1.4 pF (max.) — 88 G3VM-41LR4 250 1,500 3 Ω 7 pF (max.) Low pF• Ω 90 G3VM-41LR5 300 1,500 1.5 Ω 14 pF (max.) Low pF• Ω 90 G3VM-41LR6 120 1,500 15 Ω 2 pF (max.) Low pF• Ω 90 60V 1 Form A Thru-hole 4 G3VM-61A 500 2,500 2 Ω 140 pF (max.) Low ON resistance 32 G3VM-61A1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 34 6 G3VM-61B 500 2,500 2 Ω 140 pF (max.) Low ON resistance 38 G3VM-61B1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 40 G3VM-V 300 2,500 2 Ω 170 pF (typ.) Low ON resistance 40 8 G3VM-61CP 500 2,500 0.6 Ω 500 pF (max.) Low ON resistance 42 G3VM-61CR 2000 1,500 0.12 Ω 1400 pF (max.) Low ON resistance 44 SMT 4 G3VM-61D 500 2,500 2 Ω 140 pF (max.) Low ON resistance 52 G3VM-61D1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 54 6 G3VM-61E 500 2,500 2 Ω 140 pF (max.) Low ON resistance 58 G3VM-61E1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 60 60 V 1 Form A SMT 6 G3VM-VF 300 2,500 2 Ω 170 pF (typ.) Low ON resistance 60 8 G3VM-61FP 500 2,500 0.6 Ω 500 pF (max.) Low ON resistance 64 G3VM-61FR 2000 1,500 0.12 Ω 1400 pF (max.) Low ON resistance 64 SOP 4 G3VM-61G1 400 1,500 2 Ω 130 pF (typ.) Low ON resistance 76 G3VM-S1 400 1,500 2 Ω 140 pF (max.) Low ON resistance 76 6 G3VM-61H1 400 1,500 2 Ω 130 pF (typ.) Low ON resistance 80 2 Form A Thru-hole 8 G3VM-62C1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 46 SMT 8 G3VM-62F1 500 2,500 2 Ω 130 pF (typ.) Low ON resistance 66 SOP 8 G3VM-62J1 400 1,500 2 Ω 130 pF (typ.) Low ON resistance 84 G3VM-SY 300 1,500 2 Ω 140 pF (max.) Low ON resistance 86 80 V 1 Form A SOP 4 G3VM-81G1 350 1,500 1.2 Ω 40 pF (max.) Low ON resistance 76 6 G3VM-81HR 1250 1,500 0.15 Ω 1000 pF (max.) Low ON resistance 80 200 V 1 Form A SOP 4 G3VM-S5 150 1,500 8 Ω 100 pF (typ.) — 78 |