Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SF0185BA02302S Datasheet(PDF) 2 Page - API Technologies Corp

No. de pieza SF0185BA02302S
Descripción Electrónicos  185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0185BA02302S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0185BA02302S Datasheet HTML 1Page - API Technologies Corp SF0185BA02302S Datasheet HTML 2Page - API Technologies Corp SF0185BA02302S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
185.76 MHz SAW Bandpass Filter
4.48 MHz bandwidth
Part Number SF0185BA02302S
Integrated
Circuit
Systems, Inc.
Rev X1 20-Apr-05
Page 2 of 3
Integrated Circuit Systems
• Surface Acoustic Wave Products
Rej’n (195.22-205.72 MHz) (at 25
°C)
42
dB
Rej’n (195.22-205.72 MHz) (over temperature
40
dB
Rej’n (150.72-165.72 MHz) (at 25
°C)
52
dB
Rej’n (150.72-165.72 MHz) (over temperature)
50
dB
Rej’n (205.72-220.72 MHz) (at 25
°C)
52
dB
Rej’n (205.72-220.72 MHz) (over temperature)
50
dB
Rej’n (80-150 MHz)
(at 25
°C)
40
dB
Rej’n (80-150 MHz)
(over temperature)
36
dB
Rej’n (220.72-280 MHz)
(at 25
°C)
40
dB
Rej’n (220.72-280 MHz)
(over temperature)
36
dB
Source and Load Impedance
50
Input Power
+10
+15
dBm
Operating Temperature Range
-40
25
85
° C
Notes:
1. Any specified bandwidths are referenced to this frequency.
PACKAGE OUTLINE
Units: mm
Pad Configuration:
Input: 9
Input Return: 8
Output: 4
Output Return: 3
Ground: 1,2,5,6,7,10,11
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com