Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PBF493 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza PBF493
Descripción Electrónicos  High Voltage Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PBF493 Datasheet(HTML) 3 Page - Motorola, Inc

  PBF493 Datasheet HTML 1Page - Motorola, Inc PBF493 Datasheet HTML 2Page - Motorola, Inc PBF493 Datasheet HTML 3Page - Motorola, Inc PBF493 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PBF493 PBF493S
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
150
–1.0
15
TJ = +125°C
+25
°C
–55
°C
VCE = –10 Vdc
20
30
50
70
100
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–80
–100
Figure 2. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
–0.1
100
50
20
1.0
Ccb
10
2.0
5.0
Cib
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–50
–20
–10
–5.0
–2.0
100
60
40
30
20
0
TJ = 25°C
VCE = –20 Vdc
–1.0
IC, COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
–1.0
0
VCE(sat) @ IC/IB = 10 mA
VBE @ VCE = –10 V
–0.8
–0.6
–0.4
–0.2
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
PBF493S
Figure 5. Active Region — Safe Operating Area
BONDING WIRE LIMITATION
SECOND BREAKDOWN
LIMITATION
PBF493
100
µs
1.0 ms
TJ = 150°C
1.5 WATT THERMAL
LIMITATION @ TC = 25°C
625 mW THERMAL
LIMITATION @ TA = 25°C
–500
–5.0
–10
–20
–50
–100
–200
–0.2 –0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200 –500 –1000
80
–100
–50
–20
–10
–5.0
–2.0
–1.0
–100
–3.0
–5.0
–10
–20 –30
–50
–100
–200 –300
1.0 s



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com