Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LT1769CFE Datasheet(PDF) 13 Page - Linear Integrated Systems

No. de pieza LT1769CFE
Descripción Electrónicos  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAR [Linear Integrated Systems]
Página de inicio  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769CFE Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LT1769CFE Datasheet HTML 8Page - Linear Integrated Systems LT1769CFE Datasheet HTML 9Page - Linear Integrated Systems LT1769CFE Datasheet HTML 10Page - Linear Integrated Systems LT1769CFE Datasheet HTML 11Page - Linear Integrated Systems LT1769CFE Datasheet HTML 12Page - Linear Integrated Systems LT1769CFE Datasheet HTML 13Page - Linear Integrated Systems LT1769CFE Datasheet HTML 14Page - Linear Integrated Systems LT1769CFE Datasheet HTML 15Page - Linear Integrated Systems LT1769CFE Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1769
1769fa
APPLICATIONS INFORMATION
Figure 7. Lower VBOOST
SW
BOOST
SPIN
1769 F07
LT1769
VX
IVX
C2
D2
10
µF
L1
+
thermal resistance of the package-board combination is
dominated by the characteristics of the board in the
immediate area of the package. This means both lateral
thermal resistance across the board and vertical thermal
resistance through the board to other copper layers. Each
layer acts as a thermal heat spreader that increases the
heat sinking effectiveness of extended areas of the board.
Total board area becomes an important factor when the
area of the board drops below about 20 square inches. The
graph in Figure 8 shows thermal resistance vs board area
for 2-layer and 4-layer boards with continuous copper
planes. Note that 4-layer boards have significantly lower
thermal resistance, but both types show a rapid increase
for reduced board areas. Figure 9 shows actual measured
lead temperatures for chargers operating at full current.
Battery voltage and input voltage will affect device power
dissipation, so the data sheet power calculations must be
used to extrapolate these readings to other situations.
Vias should be used to connect board layers together.
Planes under the charger area can be cut away from the
rest of the board and connected with vias to form both a
low thermal resistance system and to act as a ground plane
for reduced EMI.
Glue-on, chip-mounted heat sinks are effective only in
moderate power applications where the PC board copper
cannot be used, or where the board size is small. They offer
very little improvement in a properly laid out multilayer
board of reasonable size.
Higher Duty Cycle for the LT1769 Battery Charger
Maximum duty cycle for the LT1769 is typically 90%, but
this may be too low for some applications. For example, if
Example: VIN = 19V, VBAT = 12.6V, IBAT = 2A:
P
3.5mA 19
1.5mA 12.6
12.6
19
7.5mA
0.012 2000mA
0.35W
P
2 12.6
55 19
0.43W
P
2
0.16 12.6
19
10
19 2 200kHz
0.42 0.08
0.5W
BIAS
2
DRIVER
2
SW
2
9
=
()( )+
()
+ ()
+
()(
)
[]=
=
()( ) +


()
=
= () (
)( )
+
()( )(
)
=+
=
1
12 6
30
.
Total Power in the IC is: 0.35 + 0.43 + 0.5 = 1.3W
Temperature rise will be (1.3W)(35
°C/W) = 46°C. This
assumes that the LT1769 is properly heat sunk by con-
necting the eleven fused ground pins to expanded traces
and that the PC board has a backside or internal plane for
heat spreading.
The PDRIVER term can be reduced by connecting the boost
diode D2 (see Figure 7) to a lower system voltage (lower
than VBAT) instead of VBAT.
Then PDRIVER =
()(
)( ) +


()
IV
V
V
V
BAT
BAT
X
X
IN
1
30
55
For example, VX = 3.3V then:
P
AV
V
V
V
W
DRIVER =
()( )( ) +


()
=
2
126
33
1
33
30
55 19
009
..
.
.
The average IVX required is:
P
V
W
V
mA
DRIVER
X
==
009
33
28
.
.
The previous example shows the dramatic drop in driver
power dissipation when the boost diode (D2) is connected
to an external 3.3V source instead of the 12.6V battery.
PDRIVER drops from 0.43W to 0.09W resulting in an
approximately 12
°C drop in junction temperature.
Fused-lead packages conduct most of their heat out the
leads. This makes it very important to provide as much PC
board copper around the leads as is practical. Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com