| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LT1359CS14 Datasheet(PDF) 6 Page - Linear Integrated Systems |
|
|
|||||||||||||||||||||||||||||
LT1359CS14 Datasheet(HTML) 6 Page - Linear Integrated Systems |
|
6 / 16 page ![]() 6 LT1358/LT1359 135859fb SUPPLY VOLTAGE ( ±V) 3.0 2.5 2.0 1.5 1.0 0.5 10 5 015 20 135859 G01 –55 °C 25 °C 125 °C SUPPLY VOLTAGE ( ±V) V – 2.0 0.5 1.0 1.5 V + –1.0 – 0.5 –2.0 –1.5 10 5 015 20 135859 G02 TA = 25°C ∆VOS < 1mV INPUT COMMON MODE VOLTAGE (V) –200 0 –100 400 300 200 100 –15 –10 0 10 15 5 –5 135859 G03 VS = ±15V TA = 25°C IB = IB + + I B – ———— 2 TEMPERATURE ( °C) 0 150 100 50 450 400 300 350 200 250 – 50 –25 25 100 125 50 75 0 VS = ±15V IB = ⏐ ⏐ IB + + I B – ———— 2 135859 G04 FREQUENCY (Hz) 10 1 10 100 0.1 1 10 en 1k 100 100k 10k 135859 G05 VS = ±15V TA = 25°C AV = 101 RS = 100k in LOAD RESISTANCE ( Ω) 10 50 60 100 100 10k 135859 G06 80 70 1k 90 VS = ±5V VS = ±15V TA = 25°C TEMPERATURE ( °C) 93 95 94 101 100 99 98 97 96 – 50 –25 25 100 125 50 75 0 VS = ±15V RL = 1k VO = ±12V 135859 G07 SUPPLY VOLTAGE ( ±V) V – 1 2 3 V + –1 –3 –2 10 5 015 20 135859 G08 RL = 1k RL = 500Ω RL = 500Ω TA = 25°C RL = 1k OUTPUT CURRENT (mA) V –+0.5 1.5 2.0 1.0 –0.5 V + –1.0 –1.5 –2.0 2.5 –2.5 – 50 – 40 –10 30 40 50 010 20 –20 –30 135859 G09 VS = ±5V VIN = 100mV 85 °C 85 °C 25 °C 25 °C –40 °C –40 °C Open-Loop Gain vs Temperature Input Noise Spectral Density Input Bias Current vs Temperature Open-Loop Gain vs Resistive Load Output Voltage Swing vs Supply Voltage Output Voltage Swing vs Load Current Input Common Mode Range vs Supply Voltage Supply Current vs Supply Voltage and Temperature Input Bias Current vs Input Common Mode Voltage TYPICAL PERFOR A CE CHARACTERISTICS |