Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

58286 Datasheet(PDF) 29 Page - ITT Industries

No. de pieza 58286
Descripción Electrónicos  Miniature circular connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

58286 Datasheet(HTML) 29 Page - ITT Industries

Back Button 58286 Datasheet HTML 23Page - ITT Industries 58286 Datasheet HTML 24Page - ITT Industries 58286 Datasheet HTML 25Page - ITT Industries 58286 Datasheet HTML 26Page - ITT Industries 58286 Datasheet HTML 27Page - ITT Industries 58286 Datasheet HTML 28Page - ITT Industries 58286 Datasheet HTML 29Page - ITT Industries 58286 Datasheet HTML 30Page - ITT Industries 58286 Datasheet HTML 31Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
KPT/KPSE
Miniature circular connectors
Part No.
Part No.
Part No.
Part No.
Part No.
ITT Cannon
MIL-C-26482
NFL 54125
VG95328
LN 29500
KPT80
MS 3180
KPT80...C
MS 3180...C
Z 2...VG 95328
KPT81
MS 3181
KPT81...C
MS 3181...C
Z 1...VG 95328
KPT81...N
MS 3181...N
Cross Reference List KPT/MIL-C-26482, NFL 54125, VG 95328
Part No. KPT
Part No.
Part No.
Part No.
Part No.
ITT Cannon
MIL-26482
NFL 54125
VG 95328
LN 29500
KPT00B*-***
25100A*-***50
KPT00B*-***
25100AC*-***50
KPT00E*-***
MS3110E*-***
25100E*-***50
KPT00F*-***
MS3110E*-***
25100EC*-***50
KPT00G*-***
25100J*-***50
KPT00J*-***
MS3110J*-***
KPT00P*-***
MS3110P*-***
25100P*-***50
KPT0E*-***DN
KPT0E*-***DZ
KPT01A*-***
25101A*-***50
KPT01B*-***
25101AC*-***50
KPT01E*-***
MS3111E*-***
25101E*-***50
KPT01F*-***
MS3111F*-***
25101EC*-***50
KPT01G*-***
25101J*-***50
KPT01J*-***
MS3111J*-***
KPT01P*-***
MS3111P*-***
25101P*-***50
KPT1E*-***DN
KPT06A*-***
25106A*-***50
KPT06B*-***
25106AC*-***50
KPT06E*-***
MS3116E*-***
25106E*-***50
KPT06F*-***
MS3116F*-***
25106EC*-***50
KPT06G*-***
25106J*-***50
KPT1E*-***DZ
25102E*-***50Y11*
25107A*-***50Y11*
KPT06J*-***
MS3116J*-***
KPT06P*-***
MS3116P*-***
25106P*-***50
KPT6A*-***88
KPT6E*-***DN
KPT6E*-***DZ
KPT02E*-***
MS3112E*-***
25102E*-***50
H*-***VG 95328
KPT07A*-***
25107A*-***50
KPT07E*-***
MS3114E*-***
25107E*-***50
KPT07F*-***
MS3114F*-***
25107EC*-***50
KPT08E*-***
KPT08F*-***
25108EC*-***50
KPT08P*-***
25108P*-***50
KPT7E*-***DN
KPTB*-***
MS3119E*-***
251B*-***
Cross Reference List Protective Caps
Please note: Connectors acc. to VG 95328 and connectors of ITT Cannon series KPSE use different contacts – see page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com