| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS8530 Datasheet(PDF) 26 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8530 Datasheet(HTML) 26 Page - ams AG |
|
26 / 33 page ![]() www.ams.com/Lin_CompanionIC/AS8530 Revision 1.1 25 - 32 AS8530 Datasheet - Application In form atio n Figure 17. Protocol for Serial Data Read with Length = 4 Timing. The following figures illustrate timing waveforms and parameters. Figure 18. Timing for Writing Figure 19. Timing for Reading EN TX 1 LEN1 LEN0 A 4 A 0 A 1 A 2 A 3 D 0 D 1 D 2 D 3 D 4 D 5 D 7 D 6 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 D 7 D 1 D 2 D 3 D 4 D 5 D 6 D 7 D 0 Data D7-D0 at Address A4-A0 is read here Data D7-D0 at Address A4-A0 +1 is read here Data D7-D0 at Address A4-A0 +2 is read here Data D7-D0 at Address A4-A0 +3 is read here Data D7-D0 at Address A4-A0 +4 is read here 10 Command & Address Phase Data1 Phase Data2 Phase Data3 Phase Data4 Phase LEN1 = 1 LEN0 = 0 Length = 4 TX EN TENSCLK_L TENSCLK_H TDI_HD TDI_SU DATAI DATAI TX EN TENSCLK_L TENSCLK_H TDI_HD TDI_SU DATAI DATAO DATAO TD0_D TDI_HZ TD0_D |