Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS3953 Datasheet(PDF) 28 Page - ams AG

No. de pieza AS3953
Descripción Electrónicos  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 28 Page - ams AG

Back Button AS3953 Datasheet HTML 24Page - ams AG AS3953 Datasheet HTML 25Page - ams AG AS3953 Datasheet HTML 26Page - ams AG AS3953 Datasheet HTML 27Page - ams AG AS3953 Datasheet HTML 28Page - ams AG AS3953 Datasheet HTML 29Page - ams AG AS3953 Datasheet HTML 30Page - ams AG AS3953 Datasheet HTML 31Page - ams AG AS3953 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
www.ams.com
Revision 1.0
28 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.1.8 Interrupt Interface
There are two interrupt registers implemented in the AS3953 (Main Interrupt Register and Auxiliary Interrupt Register). Main Interrupt
Register
contains information about seven interrupt sources, while one bit references to interrupt sources detailed in Auxiliary Interrupt
Register
.
When an interrupt condition is met the source of interrupt bit is set in the Main Interrupt Register and the IRQ pin transitions to high.
The controller then reads the Main Interrupt Register to distinguish between different interrupt sources. In case the bit
l_aux is pointing to the
Auxiliary Interrupt Register
, this register also needs to be read. After an interrupt register (main or auxiliary) is read its content is reset to ‘0’.
Exception to this rule is the bit pointing to auxiliary register. This bit is only cleared when the auxiliary interrupt register is read. IRQ pin transitions
to high after the interrupt bit(s) which caused its transition to high has been read. Please note that there may be more than one interrupt register
bit set in case the controller did not immediately read the Interrupt registers after the IRQ signal is set and another event causing interrupt
occurred.
8.1.9 FIFO Water Level and FIFO Status Register
The AS3953 contains a 32 byte FIFO. In case of transmitting the Control logic shifts data which was previously loaded by the external controller
to the Framing Block and further to the Transmitter. During reception, the demodulated data is stored in the FIFO and the external controller can
download received data.
Transmit and receive capability of the AS3953 is not limited by of the FIFO size due to a FIFO water level interrupt system. During transmission
an interrupt is sent (interrupt due to FIFO water level in the Main Interrupt Register) when the content of data in the FIFO which still need to be
sent is lower than the FIFO water level for transmit. The external controller can now add more data in the FIFO. The same stands for receive
mode. In case the number of received bytes increases over the FIFO water level for receive an interrupt is sent to inform the external controller
that data has to be downloaded from FIFO.
The external controller has to serve the FIFO faster than data is transmitted or received. A general rule is that the SCLK frequency has to be at
least double than the actual data rate in receive or transmit.
FIFO water level is set to ¾ of FIFO for reception and to ¼ of FIFO for transmission. This means that in case of getting an interrupt during
reception there are already 24 bytes in the FIFO, which have to be read out to liberate space for following data bytes. Same stands for
transmission, water level interrupt is sent when there are 8 bytes left in FIFO, therefore up to 24 additional bytes can be loaded.
During FIFO operation (FIFO read or FIFO load) the water level detection system is blocked to avoid spurious water level interrupts (these might
occur when for example number of bytes has increased above water level during loading and immediately after that dropped again below water
level due to Tx process which runs in parallel). Due to this the FIFO loading/reading rate has to be higher than Tx / Rx bit rate, once FIFO
loading/reading is finished the /SS pin has to be pulled to VDD (logic remains in FIFO load/read mode as long as /SS remains low).
In case loading/reading of FIFO is not much faster than Tx / Rx processes low the following two cases have to be considered:

FIFO underflow IRQ is not blocked, in case loading in FIFO is slower than transmission process the FIFO underflow IRQ is produced.

In case of slow FIFO loading it is possible that the content of FIFO is increased above water level but it is below when FIFO loading is fin-
ished. In such case a water level IRQ is issued after termination of FIFO loading. Same stands for FIFO reading.

In case of slow FIFO loading it is possible that the content of FIFO stays below water level during complete FIFO loading operation. In such
case water level IRQ is not issued after termination of FIFO loading. Same stands for FIFO reading.
In case it is known that the receive data frame is smaller than the FIFO size the water level interrupt does not have to be served. In such case the
water level interrupt can be masked.
After data is received the external controller needs to know how long the receive data string was before downloading data from the FIFO: This
information is available in the FIFO Status Register 1 and FIFO Status Register 2 which display number of bytes in the FIFO which were not
read out.
The FIFO Status Register 2 additionally contains two bits which indicate that the FIFO was not correctly served during reception or transmission
process (FIFO overflow and FIFO underflow).
FIFO overflow is set when too much data is written in FIFO. In case this bit is set during reception the external controller did not react on time on
water level IRQ and more than 32 bytes were written in the FIFO. The received data is corrupted in such a case. During transmission this means
that controller has written more data than FIFO size. The data to be transmitted is corrupted.
FIFO underflow is set when data was read from empty FIFO. In case this bit is set during reception the external controller read more data than
was actually received. During transmission this means that controller has failed to provide the quantity of data defined in number of transmitted
bytes registers on time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com