| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS2523 Datasheet(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2523 Datasheet(HTML) 3 Page - ams AG |
|
3 / 20 page ![]() Data Sheet AS2523, AS2524, AS2524B austriamicrosystems Revision 1.13 Page 2 of 19 Pin description Pin # Symbol Function 15 LS Line Current Sense Input Analog input for sensing the line current 12 LI Line Input Analog input used for power extraction and line current sensing 13 RI Receive Input Analog input for ac-separated receive signal 9 STB Side Tone Balance Input Analog input for side tone cancellation network 10 CS Current Shunt Control Output N-channel open drain output to control the external high power shunt transistor for synthesizing AC- and DC-impedance, modulation of line voltage and shorting the line during make periods of pulse dialing 16 CI Complex Impedance Input Analog input pin for the capacitor to program a complex impedance 14 SS Supply Source Control Output N-channel open drain output to control the external high power source transistor for supplying (Vpp) the loudspeaker amplifier in off-hook loudspeaking/handsfree mode 11 VSS Voltage Source Source Negative Analog Power Supply 18 VDD Voltage Drain Drain Positive Analog Power Supply 19 AGND Analog Ground Special ground for the internal amplifiers 8 M1 Microphone Input 1 Differential input for the handset microphone (electret) 6 M2 Microphone Input 2 Differential input for the handset microphone (electret) 7 M3 Microphone Input 3 Differential input for the handsfree microphone (electret) 5 M4 Microphone Input 4 Differential input for the handsfree microphone (electret) 17 RO Receive Output to Handset Output for driving a dynamic earpiece with an impedance from 150Ω to 300Ω |