Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EPC8 Datasheet(PDF) 29 Page - Altera Corporation

No. de pieza EPC8
Descripción Electrónicos  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 25Page - Altera Corporation EPC8 Datasheet HTML 26Page - Altera Corporation EPC8 Datasheet HTML 27Page - Altera Corporation EPC8 Datasheet HTML 28Page - Altera Corporation EPC8 Datasheet HTML 29Page - Altera Corporation EPC8 Datasheet HTML 30Page - Altera Corporation EPC8 Datasheet HTML 31Page - Altera Corporation EPC8 Datasheet HTML 32Page - Altera Corporation EPC8 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Timing Information
Page 29
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Timing Information
Figure 7 shows the configuration timing waveform when you are using an EPC
device.
Table 14 lists the timing parameters when you are using the EPC devices.
tJPXZ
JTAG port valid output to high impedance
—
25
ns
tJSSU
Capture register setup time
20
—
ns
tJSH
Capture register hold time
45
—
ns
tJSCO
Update register clock to output
—
25
ns
tJSZX
Update register high-impedance to valid output
—
25
ns
tJSXZ
Update register valid output to high impedance
—
25
ns
Table 13. JTAG Timing Parameters and Values (Part 2 of 2)
Symbol
Parameter
Min
Max
Unit
Figure 7. Configuration Timing Waveform Using an EPC Device
Notes to Figure 7:
(1) The EPC device drives DCLK low after configuration.
(2) The EPC device drives DATA[] high after configuration.
Byte0
Byte1
Byte2 Byte3
Byten
Tri-State
User Mode
(2)
tOEZX
tPOR
tCH
tCL
tDSU
tCO
tDH
Tri-State
OE/nSTATUS
nCS/CONF_DONE
DCLK
DATA[7..0]
User I/O
INIT_DONE
nINIT_CONF or VCC/nCONFIG
Table 14. EPC Device Configuration Parameters (Part 1 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fDCLK
DCLK
frequency
40% duty cycle
—
—
66.7
MHz
tDCLK
DCLK
period
—
15
—
—
ns
tHC
DCLK
duty cycle high time
40% duty cycle
6
—
—
ns
tLC
DCLK
duty cycle low time
40% duty cycle
6
—
—
ns
tCE
OE
to first DCLK delay
—
40
—
—
ns
tOE
OE
to first DATA available
—
40
—
—
ns
tOH
DCLK
rising edge to DATA change
—
(1)
——
ns
tCF (2)
OE
assert to DCLK disable delay
—
277
—
—
ns
tDF (2)
OE
assert to DATA disable delay
—
277
—
—
ns
tRE (3)
DCLK
rising edge to OE
—60
—
—
ns
tLOE
OE
assert time to assure reset
—
60
—
—
ns
fECLK
EXCLK
input frequency
40% duty cycle
—
—
100
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com