| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AY0438P Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AY0438P Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 11 page ![]() AY0438 DS70010I-page 4 © 1995 Microchip Technology Inc. 1.4 General In order to avoid any race conditions, the Data In and Load signals should not be changed during a falling edge of the Clock. Figure 4 and Figure 7 show a typical timing diagram for a 32 segment and 64 segment LCD module. 1.5 Interfacing to a LCD Module and PIC16CXX Device Figure 8 shows a typical layout of an AY0438 con- nected to a LCD module and interfaced to a PIC16CXX family device. Example 1 lists code used to program the PIC16CXX device. This code was complied using MPASM. FIGURE 8: INTERFACING TO A LCD MODULE AND PIC16CXX DEVICE EXAMPLE 1: EXAMPLE CODE ;************************************************************************* ;This program shows an interface between a PIC16CXX device ;and the AY0438 LCD controller to control a 7 Segment ;4 digit LCD module. ;The PIC16CXX interface to the AY0438 Hardware: ; ; PORTB bit 0 --> CLK ; PORTB bit 1 --> DATA IN ; PORTB bit 2 --> LOAD ; ;The LCD module is connected to the AY0438 as follows: ; Most Significant digit --> seg1 to seg7 ; 3rd Significant digit --> seg9 to seg15 ; 2nd Significant digit --> seg17 to seg 23 ; Least Significant digit --> seg25 to seg 31 ; PIC16CXX AY0438 RB0 RB1 RB2 RB7 Clock Data In Load SEG1 SEG7 SEG6 SEG5 SEG4 SEG3 SEG2 SEG9-15 SEG19-23 SEG25-31 Backplane SEG A SEG F SEG G SEG E SEG D SEG C SEG B LCD 7 A B C D E F G Backplane 7 7 LCD Φ |