Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MR143M Datasheet(PDF) 1 Page - API Technologies Corp

No. de pieza MR143M
Descripción Electrónicos  RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APITECH [API Technologies Corp]
Página de inicio  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MR143M Datasheet(HTML) 1 Page - API Technologies Corp

  MR143M Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603-459-1605
www.SpectrumMicrowave.com
SPECIFICATION
MR143M TRIPLE BALANCED MIXER
BULLETIN
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
Standard Product Features
SMA Removable Connectors
6.0 dB Typical Conversion Loss
30 dB Typical Isolation
IF Coverage 1.0 to 10.0 GHz
Triple Balanced
Versatile Package
SPECIFICATIONS
TYPICAL
Min.
Max.
RF Input Frequency Range
-----
4.0 GHz
18.0 GHz
LO Frequency
-----
4.0 GHz
18.0 GHz
IF Output Frequency Range
-----
1.0 GHz
10.0 GHz
Conversion Loss
6.5 dB
----
10.5 dB
LO Drive Level
15 dBm
13 dBm
17 dBm
Isolation, LO to RF
30 dB
20 dB
---
LO to IF
25 dB
15 dB
---
VSWR, RF
2.2:1
---
---
LO
1.8:1
---
---
Input Two-Tone Third Order IP (IP3)
19 dBm
14 dBm
---
Input 1 dB Compression (dBm)
9 dBm
6 dBm
---
Operating Temperature Range
---
-25 C
+75 C
Storage Temperature Range
---
-65 C
+125 C
Note: Alternate LO drive levels are available. Consult the factory for your specific requirements.
OUTLINE DRAWING


Número de pieza similar - MR143M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
More results

Descripción similar - MR143M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142M APITECH-MR142M Datasheet
114Kb / 1P
RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
MR140M APITECH-MR140M Datasheet
133Kb / 1P
RF: 4 to 18 GHz IF: 1 to 10 GHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR118 APITECH-MR118 Datasheet
209Kb / 3P
RF/LO: 2 to 18 GHz IF: 10 to 5000 MHz
MR116L APITECH-MR116L Datasheet
193Kb / 2P
RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com