Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS1122 Datasheet(PDF) 18 Page - ams AG

No. de pieza AS1122
Descripción Electrónicos  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 18 Page - ams AG

Back Button AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG AS1122 Datasheet HTML 19Page - ams AG AS1122 Datasheet HTML 20Page - ams AG AS1122 Datasheet HTML 21Page - ams AG AS1122 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
17 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
Scrambled PWM
General
Due to the possibility to interrupt a running PWM cycle the AS1122 is useing a scrambled PWM. The advantage is, that the scrambled PWM will
cause less error as the classical PWM when data is updated during a running PWM cycle.
As an example, we take a look on a system with a 8-bit PWM and three LEDs. The PWM for the red LED is set to 4, for green to 2 and for blue
to 6. In the classical approach the red, green and blue channels are high according to their PWM setting (see Figure 38).
If this PWM cycle would be interrupted at the 4th clock, the red and the blue LED would be as bright as if the PWM setting were 8. The green
LED also would be much brighter than desired.
In the scrambled PWM the on-times are divided evenly over the whole PWM cycle. So if the running PWM cycle is interrupted, the failure is less
effective.
Figure 38. Classic PWM vs. scrambled PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23