Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

64GA106 Datasheet(PDF) 62 Page - Microchip Technology

No. de pieza 64GA106
Descripción Electrónicos  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 62 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 58Page - Microchip Technology 64GA106 Datasheet HTML 59Page - Microchip Technology 64GA106 Datasheet HTML 60Page - Microchip Technology 64GA106 Datasheet HTML 61Page - Microchip Technology 64GA106 Datasheet HTML 62Page - Microchip Technology 64GA106 Datasheet HTML 63Page - Microchip Technology 64GA106 Datasheet HTML 64Page - Microchip Technology 64GA106 Datasheet HTML 65Page - Microchip Technology 64GA106 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 62
 2010 Microchip Technology Inc.
EXAMPLE 5-4:
LOADING THE WRITE BUFFERS (C LANGUAGE CODE)
EXAMPLE 5-5:
INITIATING A PROGRAMMING SEQUENCE (ASSEMBLY LANGUAGE CODE)
EXAMPLE 5-6:
INITIATING A PROGRAMMING SEQUENCE (C LANGUAGE CODE)
// C example using MPLAB C30
#define NUM_INSTRUCTION_PER_ROW 64
unsigned int offset;
unsigned int i;
unsigned long progAddr = 0xXXXXXX;
// Address of row to write
unsigned int progData[2*NUM_INSTRUCTION_PER_ROW];
// Buffer of data to write
//Set up NVMCON for row programming
NVMCON = 0x4001;
// Initialize NVMCON
//Set up pointer to the first memory location to be written
TBLPAG = progAddr>>16;
// Initialize PM Page Boundary SFR
offset = progAddr & 0xFFFF;
// Initialize lower word of address
//Perform TBLWT instructions to write necessary number of latches
for(i=0; i < 2*NUM_INSTRUCTION_PER_ROW; i++)
{
__builtin_tblwtl(offset, progData[i++]);
// Write to address low word
__builtin_tblwth(offset, progData[i]);
// Write to upper byte
offset = offset + 2;
// Increment address
}
DISI
#5
; Block all interrupts with priority <7
; for next 5 instructions
MOV
#0x55, W0
MOV
W0, NVMKEY
; Write the 55 key
MOV
#0xAA, W1
;
MOV
W1, NVMKEY
; Write the AA key
BSET
NVMCON, #WR
; Start the erase sequence
NOP
;
NOP
;
BTSC
NVMCON, #15
; and wait for it to be
BRA
$-2
; completed
// C example using MPLAB C30
asm("DISI #5");
// Block all interrupts with priority < 7
// for next 5 instructions
__builtin_write_NVM();
// Perform unlock sequence and set WR