Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33FJ256GP710 Datasheet(PDF) 12 Page - Microchip Technology

No. de pieza DSPIC33FJ256GP710
Descripción Electrónicos  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710 Datasheet(HTML) 12 Page - Microchip Technology

Back Button DSPIC33FJ256GP710 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 10Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ256GP710 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 10
© 2009 Microchip Technology Inc.
Pin Diagrams (Continued)
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
65
64
63
62
61
60
59
56
17
18
19
21
22
1
72
71
70
69
68
67
66
75
74
73
58
57
24
23
25
55
54
53
52
51
PGED2/SOSCI/CN1/RC13
OC1/RD0
IC3/RD10
IC2/RD9
IC1/RD8
IC4/RD11
SDA2/RA3
SCL2/RA2
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
SCK1/INT0/RF6
SDI1/RF7
SDO1/RF8
SDA1/RG3
U1RX/RF2
U1TX/RF3
VSS
PGEC2/SOSCO/T1CK/CN0/RC14
AN29/RE5
AN30/RE6
AN31/RE7
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
AN18/T4CK/T9CK/RC3
AN19/T5CK/T8CK/RC4
SCK2/CN8/RG6
VDD
TMS/RA0
AN20/INT1/RA12
AN21/INT2/RA13
AN5/CN7/RB5
AN4/CN6/RB4
AN3/CN5/RB3
AN2/SS1/CN4/RB2
SDI2/CN9/RG7
SDO2/CN10/RG8
PGEC3/AN1/CN3/RB1
PGED3/AN0/CN2/RB0
COFS/RG15
VDD
SS2/CN11/RG9
MCLR
TDO/RA5
INT4/RA15
INT3/RA14
VSS
VSS
TDI/RA4
100-Pin TQFP
dsPIC33FJ256GP510
= Pins are up to 5V tolerant