Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9432/PCB Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9432/PCB
Descripción Electrónicos  12-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9432/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9432/PCB Datasheet HTML 4Page - Analog Devices AD9432/PCB Datasheet HTML 5Page - Analog Devices AD9432/PCB Datasheet HTML 6Page - Analog Devices AD9432/PCB Datasheet HTML 7Page - Analog Devices AD9432/PCB Datasheet HTML 8Page - Analog Devices AD9432/PCB Datasheet HTML 9Page - Analog Devices AD9432/PCB Datasheet HTML 10Page - Analog Devices AD9432/PCB Datasheet HTML 11Page - Analog Devices AD9432/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. E
AD9432
–8–
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 10.3MHz (–0.53dBFS)
SNR = 67.32dB
SINAD = 67.07dB
SFDR = –85dBc
TPC 7. Spectrum: fS = 105 MSPS, fIN = 10.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 27.0MHz (–0.52dBFS)
SNR = 67.3dB
SINAD = 67.0dB
SFDR = –83.1dBc
TPC 8. Spectrum: fS = 105 MSPS, fIN = 27 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 40.9MHz (–0.56dBFS)
SNR = 67.2dB
SINAD = 66.9dB
SFDR = –80dBc
TPC 9. Spectrum: fS = 105 MSPS, fIN = 40.9 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 50.3MHz (–0.46dBFS)
SNR = 67.0dB
SINAD = 66.7dB
SFDR = –80dBc
TPC 10. Spectrum: fS = 105 MSPS, fIN = 50.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
AIN1 = 29.3MHz (–7dBFS)
AIN2 = 30.3MHz (–7dBFS)
ENCODE = 105MSPS
TPC 11. Two-Tone Spectrum, Wideband: fS =
105 MSPS, AIN1 = 29.3 MHz, AIN2 = 30.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
AIN1 = 70.3MHz (–7dBFS)
AIN2 = 71.3MHz (–7dBFS)
ENCODE = 105MSPS
TPC 12. Two-Tone Spectrum, Wideband: fS =
105 MSPS, AIN1 = 70.3 MHz, AIN2 = 71.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com