| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM324KA Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324KA Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 35 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2013 Addendum-Page 10 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM324KPWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324K LM324KPWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324K LM324KPWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324K LM324N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU | CU SN N / A for Pkg Type 0 to 70 LM324N LM324NE3 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 70 LM324N LM324NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 LM324N LM324NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 LM324NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 LM324NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 LM324PW ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324 LM324PWE4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324 LM324PWG4 ACTIVE TSSOP PW 14 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324 LM324PWLE OBSOLETE TSSOP PW 14 TBD Call TI Call TI 0 to 70 LM324PWR ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM 0 to 70 L324 LM324PWRE4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324 LM324PWRG3 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 L324 LM324PWRG4 ACTIVE TSSOP PW 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 L324 LM324Y OBSOLETE DIESALE Y 0 TBD Call TI Call TI M38510/11005BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510 /11005BCA |