Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320C6745DPTP4 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320C6745DPTP4
Descripción Electrónicos  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP4 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320C6745DPTP4 Datasheet HTML 78Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 79Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 80Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 81Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 82Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 83Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 84Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 85Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 227 page
background image
2
1
GP [ ]asinput
n m
GP [ ]asinput
n m
4
3
2
1
GP [ ]asoutput
n m
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
5.9.2
GPIO Peripheral Input/Output Electrical Data/Timing
Table 5-10. Timing Requirements for GPIO Inputs(1) (see Figure 5-10)
No.
PARAMETER
MIN
MAX
UNIT
1
tw(GPIH)
Pulse duration, GPn[m] as input high
2C(1) (2)
ns
2
tw(GPIL)
Pulse duration, GPn[m] as input low
2C(1) (2)
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have C6745/6747
recognize the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to allow C6745/6747
enough time to access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Table 5-11. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 5-10)
No.
PARAMETER
MIN
MAX
UNIT
3
tw(GPOH)
Pulse duration, GPn[m] as output high
2C(1) (2)
ns
4
tw(GPOL)
Pulse duration, GPn[m] as output low
2C(1) (2)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
(2)
C=SYSCLK4 period in ns.
Figure 5-10. GPIO Port Timing
5.9.3
GPIO Peripheral External Interrupts Electrical Data/Timing
Table 5-12. Timing Requirements for External Interrupts(1) (see Figure 5-11)
No.
PARAMETER
MIN
MAX
UNIT
1
tw(ILOW)
Width of the external interrupt pulse low
2C(1) (2)
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
2C (1) (2)
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA event. However, if a user wants to have C6745/6747 recognize
the GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow C6745/6747 enough time
to access the GPIO register through the internal bus.
(2)
C=SYSCLK4 period in ns.
Figure 5-11. GPIO External Interrupt Timing
82
Peripheral Information and Electrical Specifications
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com