| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDR1045-330M Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SDR1045-330M Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 2 page ![]() SDR1045 Series - SMD Power Inductors *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Inductance 100 kHz Q Test SRF RDC I rms I sat Bourns Part No. (µH) Tol. % Typ. Frequency Min. Max. Max. Typ. (MHz) (MHz) (Ω) (A) (A) SDR1045-2R7M 2.7 ± 20 25 7.96 68.7 0.026 4.80 6.20 SDR1045-4R5M 4.5 ± 20 25 7.96 44.2 0.033 4.20 5.20 SDR1045-6R8M 6.8 ± 20 22 7.96 35.8 0.040 3.50 4.20 SDR1045-100M 10.0 ± 20 26 2.52 27.8 0.064 3.20 3.60 SDR1045-150M 15.0 ± 20 26 2.52 23.7 0.100 2.50 3.00 SDR1045-220M 22.0 ± 20 22 2.52 19.4 0.145 2.20 2.60 SDR1045-330M 33.0 ± 20 20 2.52 15.8 0.220 1.90 2.10 SDR1045-470M 47.0 ± 20 21 2.52 13.6 0.270 1.60 1.85 SDR1045-680M 68.0 ± 20 21 2.52 11.1 0.360 1.30 1.50 SDR1045-101K 100.0 ± 10 14 0.796 9.7 0.540 1.10 1.30 SDR1045-151K 150.0 ± 10 16 0.796 7.1 0.700 0.85 1.05 SDR1045-221K 220.0 ± 10 15 0.796 6.4 1.150 0.72 0.85 SDR1045-331K 330.0 ± 10 12 0.796 4.6 1.700 0.62 0.70 SDR1045-471K 470.0 ± 10 12 0.796 4.2 2.250 0.52 0.58 SDR1045-681K 680.0 ± 10 13 0.796 3.6 3.300 0.43 0.46 SDR1045-102K 1000.0 ± 10 25 0.252 2.9 4.700 0.38 0.40 Features ■ Available in E6 values ■ Current rating to 4.8 amps ■ Mounting height 4.8 mm maximum ■ RoHS compliant* Applications ■ Input/output of DC/DC converters ■ Power supplies for: • Portable communication equipment • Camcorders • LCD TVs • Car radios Electrical Specifications Product Dimensions Recommended Layout 330 10.0 ± 0.3 (.394 ± .012) 10.0 ± 0.3 (.394 ± .012) 2.4 (.094) TYP. 4.5 ± 0.3 (.177 ± .012) 2.0 (.079) TYP. 6.0 (.236) TYP. General Specifications Test Voltage.....................................0.1 V Reflow Soldering ...230 °C, 50 sec. max. Operating Temperature .....................................-40 °C to +125 °C (Temperature rise included) Storage Temperature..-40 °C to +125 °C Resistance to Soldering Heat ................................260 °C for 10 sec. Materials Core .......................................Ferrite DR Wire ............Enamelled copper wire 130 Terminal .........................................Cu/Sn Rated Current ...................Ind. drop 10 % typ. at Isat Temperature Rise ..................40 °C max. at rated Irms Packaging ....................700 pcs. per reel Electrical Schematic DIMENSIONS: MM (INCHES) 2.8 (.110) REF. 10.4 (.409) 2.4 (.094) REF. 2.4 (.094) REF. 5.6 (.220) REF. REF. 100 |
Número de pieza similar - SDR1045-330M |
|
Descripción similar - SDR1045-330M |