Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F217IE Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza STM32F217IE
Descripción Electrónicos  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IE Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F217IE Datasheet HTML 43Page - STMicroelectronics STM32F217IE Datasheet HTML 44Page - STMicroelectronics STM32F217IE Datasheet HTML 45Page - STMicroelectronics STM32F217IE Datasheet HTML 46Page - STMicroelectronics STM32F217IE Datasheet HTML 47Page - STMicroelectronics STM32F217IE Datasheet HTML 48Page - STMicroelectronics STM32F217IE Datasheet HTML 49Page - STMicroelectronics STM32F217IE Datasheet HTML 50Page - STMicroelectronics STM32F217IE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 173 page
background image
STM32F21xxx
Pinouts and pin description
Doc ID 17050 Rev 8
47/173
-
-
- 134 C13
PI3
I/O FT
PI3
TIM8_ETR / SPI2_MOSI /
I2S2_SD / DCMI_D10/
EVENTOUT
-
-
- 135 D9
VSS_15
SVSS_15
-
-
- 136 C9
VDD_15
SVDD_15
49 76 109 137 A14
PA14
I/O FT JTCK-SWCLK JTCK-SWCLK/ EVENTOUT
50 77 110 138 A13
PA15
I/O FT
JTDI
JTDI/ SPI3_NSS/
I2S3_WS/TIM2_CH1_ETR /
SPI1_NSS/ EVENTOUT
51 78 111 139 B14
PC10
I/O FT
PC10
SPI3_SCK / I2S3_SCK /
UART4_TX / SDIO_D2 /
DCMI_D8 / USART3_TX/
EVENTOUT
52 79 112 140 B13
PC11
I/O FT
PC11
UART4_RX/ SPI3_MISO /
SDIO_D3 /
DCMI_D4/USART3_RX/
EVENTOUT
53 80 113 141 A12
PC12
I/O FT
PC12
UART5_TX/SDIO_CK /
DCMI_D9 / SPI3_MOSI /
I2S3_SD / USART3_CK/
EVENTOUT
-
81 114 142 B12
PD0
I/O FT
PD0
FSMC_D2/CAN1_RX/
EVENTOUT
-
82 115 143 C12
PD1
I/O FT
PD1
FSMC_D3 / CAN1_TX/
EVENTOUT
54 83 116 144 D12
PD2
I/O FT
PD2
TIM3_ETR/UART5_RX
SDIO_CMD / DCMI_D11/
EVENTOUT
-
84 117 145 D11
PD3
I/O FT
PD3
FSMC_CLK/USART2_CTS/
EVENTOUT
-
85 118 146 D10
PD4
I/O FT
PD4
FSMC_NOE/USART2_RTS/
EVENTOUT
-
86 119 147 C11
PD5
I/O FT
PD5
FSMC_NWE/USART2_TX/
EVENTOUT
-
-
120 148 D8
VSS_10
SVSS_10
-
-
121 149 C8
VDD_10
SVDD_10
-
87 122 150 B11
PD6
I/O FT
PD6
FSMC_NWAIT/USART2_RX
/ EVENTOUT
-
88 123 151 A11
PD7
I/O FT
PD7
USART2_CK/FSMC_NE1/F
SMC_NCE2/ EVENTOUT
Table 5.
STM32F21x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More