Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103CB Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza STM32F103CB
Descripción Electrónicos  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F103CB Datasheet HTML 24Page - STMicroelectronics STM32F103CB Datasheet HTML 25Page - STMicroelectronics STM32F103CB Datasheet HTML 26Page - STMicroelectronics STM32F103CB Datasheet HTML 27Page - STMicroelectronics STM32F103CB Datasheet HTML 28Page - STMicroelectronics STM32F103CB Datasheet HTML 29Page - STMicroelectronics STM32F103CB Datasheet HTML 30Page - STMicroelectronics STM32F103CB Datasheet HTML 31Page - STMicroelectronics STM32F103CB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
28/105
DocID13587 Rev 16
Table 5. Medium-density STM32F103xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
B2
-
-
-
1
-
PE2
I/O FT
PE2
TRACECK
B3
A1
-
-
-
2
-
PE3
I/O FT
PE3
TRACED0
C3 B1
-
-
-
3
-
PE4
I/O FT
PE4
TRACED1
D3 C2
-
-
-
4
-
PE5
I/O FT
PE5
TRACED2
E3 D2
-
-
-
5
-
PE6
I/O FT
PE6
TRACED3
B2
E2
1
B2
1
6
-
VBAT
SVBAT
A2 C1
2
A2
2
7
-
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
A1 D1
3
A1
3
8
- PC14-OSC32_IN(5) I/O
PC14(6)
OSC32_IN
B1
E1
4
B1
4
9
-
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
C2
F2
-
-
-
10
-
VSS_5
SVSS_5
D2 G2
-
-
-
11
-
VDD_5
SVDD_5
C1
F1
5
C1
5
12
2
OSC_IN
I
OSC_IN
PD0(7)
D1 G1
6
D1
6
13
3
OSC_OUT
O
OSC_OUT
PD1(7)
E1 H2
7
E1
7
14
4
NRST
I/O
NRST
F1
H1
-
E3
8
15
-
PC0
I/O
PC0
ADC12_IN10
F2
J2
-
E2
9
16
-
PC1
I/O
PC1
ADC12_IN11
E2
J3
-
F2
10
17
-
PC2
I/O
PC2
ADC12_IN12
F3
K2
-
-(8)
11
18
-
PC3
I/O
PC3
ADC12_IN13
G1
J1
8
F1
12
19
5
VSSA
SVSSA
H1 K1
-
-
-
20
-
VREF-
SVREF-
J1
L1
-
G1(8)
-21
-
VREF+
SVREF+
K1 M1
9
H1
13
22
6
VDDA
SVDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More