Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM8S103K3 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STM8S103K3
Descripción Electrónicos  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 3Page - STMicroelectronics STM8S103K3 Datasheet HTML 4Page - STMicroelectronics STM8S103K3 Datasheet HTML 5Page - STMicroelectronics STM8S103K3 Datasheet HTML 6Page - STMicroelectronics STM8S103K3 Datasheet HTML 7Page - STMicroelectronics STM8S103K3 Datasheet HTML 8Page - STMicroelectronics STM8S103K3 Datasheet HTML 9Page - STMicroelectronics STM8S103K3 Datasheet HTML 10Page - STMicroelectronics STM8S103K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
Figure 48. 32-lead shrink plastic DIP (400 ml) package ........................................................................98
Figure 49. 20-pin, 4.40 mm body, 0.65 mm pitch .................................................................................101
Figure 50. 20-lead, plastic small outline (300 mils) package ...............................................................101
Figure 51. Recommended footprint for on-board emulation ................................................................102
Figure 52. Recommended footprint without on-board emulation .........................................................103
Figure 53. STM8S103x access line ordering information scheme ......................................................106
7/117
DocID15441 Rev 9
List of figures
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More