Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JS28F128P33TF70 Datasheet(PDF) 86 Page - Numonyx B.V

No. de pieza JS28F128P33TF70
Descripción Electrónicos  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 86 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 80Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 81Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 82Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 83Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 84Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 85Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 86Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 87Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 88Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
86
Order Number: 208034-04
Block :
A group of bits, bytes, or words within the flash memory array that erase
simultaneously. The P33-65nm has two block sizes: 32 KByte and 128 KByte.
Main block :
An array block that is usually used to store code and/or data. Main blocks are larger
than parameter blocks.
Parameter block :
An array block that may be used to store frequently changing data or small system
parameters that traditionally would be stored in EEPROM.
Top parameter device :
A device with its parameter blocks located at the highest physical address of its
memory map.
Bottom parameter device :
A device with its parameter blocks located at the lowest physical address of its
memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88