Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F400BB-55SIB Datasheet(PDF) 3 Page - Advanced Micro Devices

No. de pieza AM29F400BB-55SIB
Descripción Electrónicos  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BB-55SIB Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F400BB-55SIB Datasheet HTML 1Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 2Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 3Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 4Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 5Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 6Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 7Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 8Page - Advanced Micro Devices AM29F400BB-55SIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Am29F400B
3
PR ELIMIN A R Y
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29F400B
Speed Option
VCC = 5.0 V ± 5%
-55
VCC = 5.0 V ± 10%
-60
-70
-90
-120
-150
Max access time, ns (tACC)
55
60
70
90
120
150
Max CE# access time, ns (tCE)
55
60
70
90
120
150
Max OE# access time, ns (tOE)
30
30
30
35
50
55
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
CE#
OE#
STB
STB
DQ0
–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A17
21505C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37