Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM8L152R8 Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza STM8L152R8
Descripción Electrónicos  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R8 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L152R8 Datasheet HTML 23Page - STMicroelectronics STM8L152R8 Datasheet HTML 24Page - STMicroelectronics STM8L152R8 Datasheet HTML 25Page - STMicroelectronics STM8L152R8 Datasheet HTML 26Page - STMicroelectronics STM8L152R8 Datasheet HTML 27Page - STMicroelectronics STM8L152R8 Datasheet HTML 28Page - STMicroelectronics STM8L152R8 Datasheet HTML 29Page - STMicroelectronics STM8L152R8 Datasheet HTML 30Page - STMicroelectronics STM8L152R8 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
DocID17943 Rev 6
27/134
STM8L15xx8, STM8L15xR6
Pin description
61
Figure 7. STM8L151C8 48-pin pinout (without LCD)
1. Pin 13 is reserved and must be tied to VDD.
2. The above figure shows the package top view.
Figure 8. STM8L152C8 48-pin pinout (with LCD)
1. The above figure shows the package top view.