| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8L051F3 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L051F3 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 46 page ![]() STM8L051F3 Pin description Doc ID 022985 Rev 1 21/46 4 Pin description Figure 3. STM8L051Fx 20-pin TSSOP20 package pinout Table 4. Low density value line STM8L05xxx pin description pin n° Pin name Input Output Default alternate function 4 NRST/PA1(1) I/O X HS X Reset PA1 5 PA2/OSC_IN/[USART_TX](2)/ [SPI_MISO] (2) I/O X XX HS X X Port A2 HSE oscillator input / [USART transmit] / [SPI master in- slave out] 6 PA3/OSC_OUT/[USART_RX](2)/[ SPI_MOSI](2) I/O X XX HS X X Port A3 HSE oscillator output / [USART receive]/ [SPI master out/slave in]/ 10 PB0(3)/TIM2_CH1/ADC1_IN18 I/O X XX HS X X Port B0 Timer 2 - channel 1 / ADC1_IN18 11 PB1/TIM3_CH1/ADC1_IN17 I/O X XX HS X X Port B1 Timer 3 - channel 1 / ADC1_IN17 12 PB2/ TIM2_CH2/ ADC1_IN16 I/O X XX HS X X Port B2 Timer 2 - channel 2 ADC1_IN16 13 PB3/TIM2_ETR/ ADC1_IN15/RTC_ALARM I/O X XX HS X X Port B3 Timer 2 - external trigger / ADC1_IN15 / RTC_ALARM 14 PB4(3)/SPI1_NSS/ADC1_IN14 I/O X XX HS X X Port B4 SPI master/slave select / ADC1_IN14 15 PB5/SPI_SCK/ /ADC1_IN13 I/O X XX HS X X Port B5 [SPI clock] / ADC1_IN13 16 PB6/SPI1_MOSI/ ADC1_IN12 I/O X XX HS X X Port B6 SPI master out/ slave in / ADC1_IN12 |