| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM6652 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM6652 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 53 page ![]() Application ideas PM6652 44/53 Doc ID 16867 Rev 5 9 Application ideas 9.1 Load transient response improvement with feedback capacitor Referring to Figure 2, the droop gain network made by R14, R15, R17 and R18 can be improved by adding the feedback capacitor C34. As a consequence, the performed load line previously summarized in Equation 8 is now described in Equation 31 below: Equation 31 The sensed current information is still given by: Equation 32 By joining the two previous results, the complete droop equation becomes: Equation 33 In order to get an almost flat droop function, from DC to high frequency, and a “squared” load transient response, the above equation requires two conditions: ● C34*R17=L/RDCR ● C34*R17//R14=C15*RA//RB If R17>R14 (typical application), C15*RA//RB< L/RDCR so the high frequency sensed current is bigger compared to what can be sensed when the feedback capacitor is not mounted. This feature can be very helpful when low DCR inductors are used and the sensed current ripple, CSNS-VOUT, is lower than about 10 mVPP. In order to avoid any output voltage undershoots during load transient, the above mentioned conditions should be translated into: ● C34*R17≥L/RDCR ● C15*RA//RB≥C34*R17//R14 The two components used to fine tune the load transient response are C34 and C15, since the other components are fixed when the droop is programmed and the inductor has already been selected. () () () () s R R C s 1 R // R C s 1 R R 1 s R s G s R SNS 17 34 14 17 34 14 17 SNS D DROOP ⋅ ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ ⋅ ⋅ + ⋅ ⋅ + ⋅ ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ + = ⋅ = () () () 34 33 B 31 A L SNS L 15 B A DCR DCR B A B OUT SNS R R R R R s i s R s i C R // R s 1 R sL 1 R R R R V C + = = ⋅ = ⋅ ⋅ ⋅ + + ⋅ ⋅ + = − B A 15 DCR 17 34 14 17 34 DCR B A B 14 17 DROOP R // R C s 1 R sL 1 R C s 1 R // R C s 1 R R R R R R 1 R ⋅ ⋅ + + ⋅ ⋅ ⋅ + ⋅ ⋅ + ⋅ ⋅ + ⋅ ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ + = |