| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T00C6 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T00C6 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 100 page ![]() ST6200C ST6201C ST6203C Doc ID 4563 Rev 5 39/100 I/O PORTS (Cont’d) Table 9. I/O Port Option Selections Note 1. Provided the correct configuration has been selected (see Table 8). MODE AVAILABLE ON(1) SCHEMATIC Input PA1-PA3 PB0, PB1, PB3, PB5-PB7 DDRx 0 ORx 0 DRx 1 Reset state Input with pull up PA1-PA3 PB0, PB1, PB3, PB5-PB7 DDRx 0 ORx 0 DRx 0 Input with pull up with interrupt PA1-PA3 PB0, PB1, PB3, PB5-PB7 DDRx 0 ORx 1 DRx 0 Analog Input PB3, PB5-PB7 (Except on ST6203C) DDRx 0 ORx 1 DRx 1 Open drain output (5mA) Open drain output (20 mA) PB0, PB1, PB3, PB5-PB7 PA1-PA3 DDRx 1 ORx 0 DRx 0/1 Push-pull output (5mA) Push-pull output (20 mA) PB0, PB1, PB3, PB5-PB7 PA1-PA3 DDRx 1 ORx 1 DRx 0/1 Data in Interrupt VDD VDD Data in Interrupt VDD VDD Data in Interrupt VDD VDD ADC VDD Data out P-buffer disconnected VDD Data out VDD 1 |