| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCR2EE295 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TCR2EE295 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
|
1 / 16 page ![]() TCR2EF series, TCR2EE series 2012-12-11 1 TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic TCR2EF series TCR2EE series 200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response The TCR2EF and TCR2EF series are CMOS single-output voltage regulators with an on/off control input, featuring low dropout voltage, low output noise voltage and fast load transient response. These voltage regulators are available in fixed output voltages between 1.0 V and 5.0 V and capable of driving up to 200 mA. They feature overcurrent protection, an Auto-discharge function. The TCR2EF and TCR2EE series has a low dropout voltage of 180 mV ( 2.5 V output, IOUT = 150 mA) with low output noise voltage of 35 μVrms (2.5 V output) and a load transient response of only ⊿ VOUT = ±60 mV ( IOUT = 1 mA⇔150 mA, COUT =1.0 μF). Thus, the TCR2EF and TCR2EE series are suitable for sensitive power supply such as Analog and RF applications. Features • Low Drop-Out voltage VIN-VOUT = 150 mV (typ.) at 3.0 V-output, IOUT = 150 mA VIN-VOUT = 180 mV (typ.) at 2.5 V-output, IOUT = 150 mA VIN-VOUT = 230 mV (typ.) at 1.8 V-output, IOUT = 150 mA VIN-VOUT = 380 mV (typ.) at 1.2 V-output, IOUT = 150 mA VIN-VOUT = 510 mV (typ.) at 1.0 V-output, IOUT = 150 mA • Low output noise voltage ( VNO = 35 μVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz ) • Fast load transient response (⊿VOUT = ±60 mV (typ.) at IOUT = 1 mA ⇔ 150 mA, COUT =1.0 μF ) • Low quiescent bias current ( IB = 35 μA (typ.) at IOUT = 0 mA ) • High ripple rejection ( R.R = 73 dB (typ.) at 2.5V-output, IOUT = 10 mA, f =1kHz ) • Wide range Output Voltage line up ( VOUT = 1.0 to 5.0 V ) • High VOUT accuracy ±1.0% ( 1.8V <= VOUT ) • Overcurrent protection • Auto-discharge • Pull down connection between CONTROL and GND • Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF ) • Small package ESV(SOT-553) (1.6 mm x 1.6 mm x 0.55 mm ) General package SMV(SOT-25) (2.8 mm x 2.9 mm x 1.1 mm ) Weight : SMV (SOT-25)(SC-74A) : 16 mg ( typ.) ESV (SOT-553) : 3.0 mg ( typ.) SMV ESV |
Número de pieza similar - TCR2EE295 |
|
Descripción similar - TCR2EE295 |