Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29F200AT-55SE Datasheet(PDF) 34 Page - Advanced Micro Devices

No. de pieza AM29F200AT-55SE
Descripción Electrónicos  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AT-55SE Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F200AT-55SE Datasheet HTML 30Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 31Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 32Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 33Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 34Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 35Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 36Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 37Page - Advanced Micro Devices AM29F200AT-55SE Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
34
Am29F200A
P R E L I M I NARY
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7# = Complement of Data Input, DOUT = Array Data.
2. Figure indicates the last two bus cycles of the command sequence, with the device in word mode.
20637B-23
Figure 19.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39