Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PALCE16V8 Datasheet(PDF) 17 Page - Advanced Micro Devices

No. de pieza PALCE16V8
Descripción Electrónicos  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button PALCE16V8 Datasheet HTML 13Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 14Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 15Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 16Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 17Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 18Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 19Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 20Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AMD
2-52
PALCE16V8Q-10 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25
°C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Min
Symbol
Parameter Description
(Note 4)
Max
Unit
tPD
Input or Feedback to Combinatorial Output
3
10
ns
tS
Setup Time from Input or Feedback to Clock
7.5
ns
tH
Hold Time
0ns
tCO
Clock to Output
3
7.5
ns
tWL
LOW
6
ns
tWH
HIGH
6
ns
External Feedback
1/(tS + tCO)
66.7
MHz
fMAX
Internal Feedback (fCNT)
1/(tS + tCF) (Note 5)
71.4
MHz
No Feedback
1/(tWH + tWL)
83.3
MHz
tPZX
OE to Output Enable
2
10
ns
tPXZ
OE to Output Disable
2
10
ns
tEA
Input to Output Enable Using Product Term Control
3
10
ns
tER
Input to Output Disable Using Product Term Control
3
10
ns
Clock Width
Maximum
Frequency
(Note 3)
Notes:
2. See Switching Test Circuit for test conditions.
3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
4. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improve-
ments may alter these values therefore, minimum values are recommended for simulation purposes only.
5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26