Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C940 Datasheet(PDF) 82 Page - Advanced Micro Devices

No. de pieza AM79C940
Descripción Electrónicos  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 78Page - Advanced Micro Devices AM79C940 Datasheet HTML 79Page - Advanced Micro Devices AM79C940 Datasheet HTML 80Page - Advanced Micro Devices AM79C940 Datasheet HTML 81Page - Advanced Micro Devices AM79C940 Datasheet HTML 82Page - Advanced Micro Devices AM79C940 Datasheet HTML 83Page - Advanced Micro Devices AM79C940 Datasheet HTML 84Page - Advanced Micro Devices AM79C940 Datasheet HTML 85Page - Advanced Micro Devices AM79C940 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
AMD
82
Am79C940
NETWORK INTERFACES
External Address Detection Interface
(EADI)
The External Address Detection Interface can be used
to implement alternative address recognition schemes
outside the MACE device, to complement the physical,
logical and promiscuous detection supported internally.
The address matching, and the support logic necessary
to capture and present the relevant data to the external
table of address is application specific. Note that since
the entire 802.3 packet after SFD is made available, rec-
ognition is not limited to the destination address and/or
type fields (Ethernet only). Inter-networking protocol
recognition can be performed on specific header or LLC
information fields.
QH’
74LS595
74LS595
74LS245
74LS245
SER
SRCK
RCK
QH’
QH–A
A8–A1
B8–B1
EADI
Pins
SER
SRCK
RCK
A8–A1
B8–B1
SRD
SRDCLK
SF/BD
Logic
Block
EAM/R
Am99C10
D15–D0
MTCH
CAM
Programming
Interface
Databus
Databus
16235C-13
QH–A
EADI Feature – Simple External CAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More