Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C90PC Datasheet(PDF) 14 Page - Advanced Micro Devices

No. de pieza AM79C90PC
Descripción Electrónicos  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 10Page - Advanced Micro Devices AM79C90PC Datasheet HTML 11Page - Advanced Micro Devices AM79C90PC Datasheet HTML 12Page - Advanced Micro Devices AM79C90PC Datasheet HTML 13Page - Advanced Micro Devices AM79C90PC Datasheet HTML 14Page - Advanced Micro Devices AM79C90PC Datasheet HTML 15Page - Advanced Micro Devices AM79C90PC Datasheet HTML 16Page - Advanced Micro Devices AM79C90PC Datasheet HTML 17Page - Advanced Micro Devices AM79C90PC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
AMD
P R E L I M I N A R Y
14
Am79C90
DAL0–DAL15
DAS
READ
READY
(Output from
C-LANCE)
HOLD
CS
ADR
Read Data
See
Note 1
Note:
1. There are two types of delays which depend on which internal register is accessed.
Type 1 refers to access of CSR0, CSR3 and RAP.
Type 2 refers to access of CSR1 and CSR2 which are longer than Type 1 delay.
17881B-9
O.D.
Figure 3. Bus Slave Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62