Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79C90 Datasheet(PDF) 52 Page - Advanced Micro Devices

No. de pieza AM79C90
Descripción Electrónicos  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 48Page - Advanced Micro Devices AM79C90 Datasheet HTML 49Page - Advanced Micro Devices AM79C90 Datasheet HTML 50Page - Advanced Micro Devices AM79C90 Datasheet HTML 51Page - Advanced Micro Devices AM79C90 Datasheet HTML 52Page - Advanced Micro Devices AM79C90 Datasheet HTML 53Page - Advanced Micro Devices AM79C90 Datasheet HTML 54Page - Advanced Micro Devices AM79C90 Datasheet HTML 55Page - Advanced Micro Devices AM79C90 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
AMD
52
Am79C90
{
int k,i, byte; /* temporary array indices */
int hashcode; /* the object of this program */
char buf[80]; /* holds input characters */
for (i=0;i<8;i++) ladrf[i] = 0; /* clear log. adr. filter */
printf (”Enter Ethernet addresses as 6 octets separated by blanks.\n”);
printf (”Each octet is one or two hex characters. The first octet \n”);
printf (”entered is the first octet to be transmitted. The LSB of \n”);
printf (”the first octet is the first bit transmitted. After each \n”);
printf (”address is entered, the Logical Address Filter contents \n”);
printf (”are displayed, least significant byte first, with the \n”);
printf (”appropriate bits set for all addresses entered so far.\n”);
printf (”
To exit press the <Enter> key.\n\n”);
while (1)
{
loop:
printf (”\nEnter address: ”);
/* If 1st character = CR, quit, otherwise read address. */
gets (buf);
if ( buf[0] == ’\0’) break;
if (sscanf (buf, ”%x %x %x %x %x %x”,
&adr[0], &adr[1], &adr[2],&adr[3],&adr[4],&adr[5])
!= 6)
{ printf
(”Address must contain 6 octets separated by blanks.\n”);
goto loop;
}
if ((adr[0] & 1) == 0)
{ printf (”First octet of multicast address ”);
printf (”must be an odd number.\n”);
goto loop;
}
/* Initialize CRC */
for (i=0; i<32; i++) CRC[i] = 1;
/* Process each bit of the address in the order of transmission.*/
for (byte=0; byte<6; byte++)
for (i=0; i<8; i++)
updateCRC ((adr[byte] >> i) & 1);
/* The hash code is the 6 least significant bits of the CRC
in reverse order: CRC[0] = hash[5], CRC[1] = hash[4], etc.
*/
hashcode = 0;
for (i=0; i<6; i++) hashcode = (hashcode << 1) + CRC[i];
/* Bits 3–5 of hashcode point to byte in address filter.
Bits 0–2 point to bit within that byte. */
byte = hashcode >> 3;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62