| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0603CS-R20XL Datasheet(PDF) 2 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
0603CS-R20XL Datasheet(HTML) 2 Page - Coilcraft lnc. |
|
2 / 2 page ![]() US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2013 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. 0603HP Series (1608) Designer’s Kits C406A and B contain 10 each of all 5% values Designer’s Kits C406A-2 and B-2 contain 10 each of all 2% values Document 537-2 Document 537-2 Revised 03/25/13 L test Q typ SRF DCR Inductance2 Percent freq at 900 MHz 1.7 GHz typ4 max5 Irms6 Color Part number1 (nH) tol (MHz) 250 MHz L typ Q typ3 L typ Q typ3 (GHz) (Ohms) (mA) code 0603HP-1N8XJL_ 1.8 5 250 23 1.77 40 1.77 65 16.0 0.033 2100 Black 0603HP-2N2XJL_ 2.2 5 250 13 2.14 25 2.12 35 15.0 0.180 900 Yellow 0603HP-3N3X_L_ 3.3 5,3,2 250 32 3.28 67 3.32 104 9.60 0.024 1900 Blue 0603HP-3N6X_L_ 3.6 5,3,2 250 40 3.59 70 3.62 116 9.70 0.031 1900 Red 0603HP-3N9X_L_ 3.9 5,3,2 250 35 3.88 68 3.95 108 7.50 0.039 1600 Brown 0603HP-4N3X_L_ 4.3 5,3,2 250 30 4.29 58 4.31 91 7.50 0.080 1300 Orange 0603HP-4N7X_L_ 4.7 5,3,2 250 26 4.65 48 4.71 75 7.90 0.100 1100 Violet 0603HP-5N1X_L_ 5.1 5,3,2 250 40 5.08 84 5.12 140 8.90 0.036 1700 Green 0603HP-5N6X_L_ 5.6 5,3,2 250 48 5.60 87 5.73 145 6.60 0.036 1700 Black 0603HP-6N0X_L_ 6.0 5,3,2 250 49 5.92 94 6.12 154 6.00 0.036 1700 White 0603HP-6N8X_L_ 6.8 5,3,2 250 42 6.83 88 7.05 143 5.80 0.042 1400 Red 0603HP-7N2X_L_ 7.2 5,3,2 250 48 7.25 96 7.38 139 5.40 0.052 1400 Green 0603HP-7N5X_L_ 7.5 5,3,2 250 41 7.55 81 7.85 112 5.30 0.080 1300 Brown 0603HP-8N2X_L_ 8.2 5,3,2 250 46 8.21 96 8.39 148 5.90 0.054 1400 Orange 0603HP-8N7X_L_ 8.7 5,3,2 250 46 8.73 97 9.00 149 5.50 0.054 1400 Yellow 0603HP-9N1X_L_ 9.1 5,3,2 250 40 9.18 76 9.64 109 5.10 0.037 1400 Black 0603HP-9N5X_L_ 9.5 5,3,2 250 49 9.56 98 9.99 149 4.90 0.053 1400 Blue 0603HP-10NX_L_ 10 5,3,2 250 49 10.16 90 10.64 142 4.30 0.048 1400 Orange 0603HP-11NX_L_ 11 5,3,2 250 41 11.06 78 11.82 108 4.10 0.058 1400 Gray 0603HP-12NX_L_ 12 5,3,2 250 37 12.26 69 13.20 91 4.10 0.088 1100 Yellow 0603HP-15NX_L_ 15 5,3,2 250 48 15.41 83 17.20 124 3.60 0.078 1200 Green 0603HP-16NX_L_ 16 5,3,2 250 45 16.37 77 18.70 116 3.50 0.085 1100 White 0603HP-18NX_L_ 18 5,3,2 250 41 18.56 76 20.90 100 3.30 0.066 1200 Blue 0603HP-22NX_L_ 22 5,3,2 250 44 22.7 77 25.90 88 3.15 0.140 850 Violet 0603HP-23NX_L_ 23 5,3,2 250 40 24.0 69 29.53 80 3.00 0.183 850 Orange 0603HP-24NX_L_ 24 5,3,2 250 42 24.9 77 28.90 91 2.95 0.074 1100 Black 0603HP-27NX_L_ 27 5,3,2 250 44 28.4 74 34.00 84 2.80 0.150 780 Gray 0603HP-30NX_L_ 30 5,3,2 250 49 31.5 82 37.90 82 2.80 0.130 920 Brown 0603HP-33NX_L_ 33 5,3,2 250 45 34.9 76 42.90 80 2.70 0.170 680 White 0603HP-36NX_L_ 36 5,3,2 250 44 38.5 69 50.00 64 2.50 0.225 720 Red 0603HP-39NX_L_ 39 5,3,2 250 48 41.5 78 51.90 74 2.45 0.19 680 Black 0603HP-43NX_L_ 43 5,3,2 250 45 45.7 83 58.10 76 2.45 0.17 810 Orange 0603HP-47NX_L_ 47 5,3,2 200 47 50.6 77 66.90 72 2.30 0.24 680 Brown 0603HP-51NX_L_ 51 5,3,2 200 49 54.6 73 71.30 62 2.30 0.28 660 Blue 0603HP-56NX_L_ 56 5,3,2 200 50 60.3 74 79.90 56 2.20 0.30 610 Red 0603HP-68NX_L_ 68 5,3,2 200 46 75.5 73 113.3 49 2.00 0.33 600 Orange 0603HP-72NX_L_ 72 5,3,2 150 46 80.8 69 — — 1.90 0.42 550 Yellow 0603HP-75NX_L_ 75 5,3,2 150 46 84.6 71 — — 1.90 0.52 500 Violet 0603HP-82NX_L_ 82 5,3,2 150 45 94.0 62 — — 1.80 0.46 510 Green 0603HP-91NX_L_ 91 5,3,2 150 45 103.0 64 — — 1.65 0.58 440 White 0603HP-R10X_L_ 100 5,3,2 150 49 114.0 69 — — 1.70 0.54 470 Blue 0603HP-R11X_L_ 110 5,3,2 150 47 126.2 63 — — 1.60 0.58 440 Violet 0603HP-R12X_L_ 120 5,3,2 150 47 142.4 61 — — 1.55 0.72 420 Gray 0603HP-R15X_L_ 150 5,3,2 150 47 188.8 57 — — 1.35 0.82 390 White 0603HP-R18X_L_ 180 5,3,2 100 48 232.2 50 — — 1.30 1.50 310 Black 0603HP-R20X_L_ 200 5,3,2 100 47 265.0 47 — — 1.25 2.00 280 Green 0603HP-R21X_L_ 210 5,3,2 100 48 288.0 45 — — 1.20 2.00 280 Gray 0603HP-R22X_L_ 220 5,3,2 100 47 315.0 41 — — 1.10 2.00 280 Brown 0603HP-R25X_L_ 250 5,3,2 100 45 — — — — 1.05 3.00 240 Violet 0603HP-R27X_L_ 270 5,3,2 100 46 — — — — 1.05 2.25 260 Red 0603HP-R30X_L_ 300 5,3,2 100 47 — — — — 0.99 2.80 220 Green 0603HP-R33X_L_ 330 5,3,2 100 46 — — — — 0.93 3.60 180 Blue 0603HP-R36X_L_ 360 5,3,2 100 47 — — — — 0.93 4.00 170 Gray 0603HP-R39X_L_ 390 5,3,2 100 47 — — — — 0.88 4.00 170 Yellow 1. When ordering, please specify tolerance, termination and packaging codes: 0603HP-R39XJLW Tolerance: G = 2% H = 3% J = 5% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. E = Halogen free component. RoHS compliant silver-palla- dium-platinum-glass frit terminations. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: W = 7 ″ machine-ready reel. EIA-481 punched paper tape (2000 parts per full reel). U = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter W instead. 2. Inductance tested at listed frequency using an Agilent/HP 4286A impedance analyzer with a Coilcraft SMD-A fixture and Coilcraft-provided correlation pieces. 3. Q measured using an Agilent/HP 16197 test fixture in an Agilent/HP 4291 impedance analyzer. 4. SRF measured using an Agilent/HP 8722ES network analyzer and a Coil- craft SMD-D test fixture. 5. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test fixture. 6. Current that causes a 15°C temperature rise from 25°C ambient. 7. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. |