| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM690 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM690 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() ADM690–ADM695 REV. A –7– Table I. ADM691, ADM693, ADM695 Reset Pulse Width and Watchdog Timeout Selections Watchdog Timeout Period Reset Active Period Immediately OSC SEL OSC IN Normal After Reset ADM691/ADM693 ADM695 Low External Clock Input 1024 CLKS 4096 CLKS 512 CLKS 2048 CLKS Low External Capacitor 260 ms × C/47 pF 1.04 s × C/47 pF 130 ms × C/47 pF 520 ms × C/47 pF Floating or High Low 100 ms 1.6 s 50 ms 200 ms Floating or High Floating or High 1.6 s 1.6 s 50 ms 200 ms NOTE With the OSC SEL pin low, OSC IN can be driven by an external clock signal, or an external capacitor can be connected between OSC IN and GND. The nominal internal oscillator frequency is 10.24 kHz. The nominal oscillator frequency with external capacitor is: F OSC (Hz) = 184,000/C (pF). The watchdog timeout period is fixed at 1.6 seconds, and the reset pulse width is fixed at 50 ms on the ADM690/ADM692. On the ADM694 the watchdog timeout period is also 1.6 sec- onds but the reset pulse width is fixed at 200 ms. The ADM691/ ADM693/ADM695 allow these times to be adjusted as shown in Table I. Figure 4 shows the various oscillator configurations which can be used to adjust the reset pulse width and watchdog timeout period. The internal oscillator is enabled when OSC SEL is high or floating. In this mode, OSC IN selects between the 1.6 second and 100 ms watchdog timeout periods. With OSC IN connected high or floating, the 1.6 second timeout period is selected; while with it connected low, the 100 ms timeout period is selected. In either case, immediately after a reset, the timeout period is 1.6 seconds. This gives the microprocessor time to reinitialize the system. If OSC IN is low, then the 100 ms watchdog period be- comes effective after the first transition of WDI. The software should be written such that the I/O port driving WDI is left in its power-up reset state until the initialization routines are com- pleted and the microprocessor is able to toggle WDI at the mini- mum watchdog timeout period of 70 ms. Watchdog Output (WDO) The Watchdog Output WDO (ADM691/ADM693/ADM695) provides a status output which goes low if the watchdog timer “times out” and remains low until set high by the next transition on the Watchdog Input. WDO is also set high when VCC goes below the reset threshold. OSC IN OSC SEL ADM691 ADM693 ADM695 CLOCK 0 TO 250kHz 8 7 Figure 4a. External Clock Source OSC IN OSC SEL ADM691 ADM693 ADM695 8 7 C OSC Figure 4b. External Capacitor OSC IN OSC SEL ADM691 ADM693 ADM695 8 7 NC NC Figure 4c. Internal Oscillator (1.6 Second Watchdog) OSC IN OSC SEL ADM691 ADM693 ADM695 8 7 NC Figure 4d. Internal Oscillator (100 ms Watchdog) |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |