Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC59 Datasheet(PDF) 12 Page - Microchip Technology

No. de pieza TC59
Descripción Electrónicos  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC59 Datasheet HTML 8Page - Microchip Technology TC59 Datasheet HTML 9Page - Microchip Technology TC59 Datasheet HTML 10Page - Microchip Technology TC59 Datasheet HTML 11Page - Microchip Technology TC59 Datasheet HTML 12Page - Microchip Technology TC59 Datasheet HTML 13Page - Microchip Technology TC59 Datasheet HTML 14Page - Microchip Technology TC59 Datasheet HTML 15Page - Microchip Technology TC59 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TC59
DS21438B-page 12
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
-6.0
TIME (2 msec/div)
10mA
1mA
TC595002 (-5.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
Output Current
-6.0
TIME (2 msec/div)
50mA
1mA
TC595002 (-5.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
Output Current
-6.0
TIME (2 msec/div)
100mA
1mA
TC595002 (-5.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
Output Current
-6.0
TIME (2 msec/div)
10mA
1mA
TC594002 (-4.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
Output Current
-6.0
TIME (2 msec/div)
50mA
1mA
TC594002 (-5.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Current
Output Voltage
8. LOAD TRANSIENT RESPONSE
VIN = -6.0V, CIN, CL = 1µF, TOPR = 25°C
VIN = -6.0V, CIN, CL = 1µF, TOPR = 25°C
VIN = -6.0V, CIN, CL = 1µF, TOPR = 25°C
VIN = -5.0V, CIN, CL = 1µF, TOPR = 25°CVIN = -5.0V, CIN, CL = 1µF, TOPR = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com