| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC24HJ128GP310 Datasheet(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 Datasheet(HTML) 144 Page - Microchip Technology |
|
144 / 286 page ![]() PIC24HJXXXGPX06/X08/X10 DS70175F-page 142 © 2007 Microchip Technology Inc. 14.3 Pulse-Width Modulation Mode The following steps should be taken when configuring the output compare module for PWM operation: 1. Set the PWM period by writing to the selected Timer Period register (PRy). 2. Set the PWM duty cycle by writing to the OCxRS register. 3. Write the OxCR register with the initial duty cycle. 4. Enable interrupts, if required, for the timer and output compare modules. The output compare interrupt is required for PWM Fault pin utilization. 5. Configure the output compare module for one of two PWM operation modes by writing to the Out- put Compare Mode bits, OCM<2:0> (OCxCON<2:0>). 6. Set the TMRy prescale value and enable the time base by setting TON = 1 (TxCON<15>). 14.3.1 PWM PERIOD The PWM period is specified by writing to PRy, the Timer Period register. The PWM period can be calculated using Equation 14-1: EQUATION 14-1: CALCULATING THE PWM PERIOD 14.3.2 PWM DUTY CYCLE The PWM duty cycle is specified by writing to the OCxRS register. The OCxRS register can be written to at any time, but the duty cycle value is not latched into OCxR until a match between PRy and TMRy occurs (i.e., the period is complete). This provides a double buffer for the PWM duty cycle and is essential for glitchless PWM operation. In the PWM mode, OCxR is a read-only register. Some important boundary parameters of the PWM duty cycle include: • If the Output Compare register, OCxR, is loaded with 0000h, the OCx pin will remain low (0% duty cycle). • If OCxR is greater than PRy (Timer Period register), the pin will remain high (100% duty cycle). • If OCxR is equal to PRy, the OCx pin will be low for one time base count value and high for all other count values. See Example 14-1 for PWM mode timing details. Table 14-1 shows example PWM frequencies and resolutions for a device operating at 10 MIPS. EQUATION 14-2: CALCULATION FOR MAXIMUM PWM RESOLUTION EXAMPLE 14-1: PWM PERIOD AND DUTY CYCLE CALCULATIONS Note: The OCxR register should be initialized before the output compare module is first enabled. The OCxR register becomes a read-only duty cycle register when the module is operated in the PWM modes. The value held in OCxR will become the PWM duty cycle for the first PWM period. The contents of the Output Compare Secondary register, OCxRS, will not be transferred into OCxR until a time base period match occurs. Note: A PRy value of N will produce a PWM period of N + 1 time base count cycles. For example, a value of 7 written into the PRy register will yield a period consisting of eight time base cycles. PWM Period = [(PRy) + 1] • TCY • (Timer Prescale Value) PWM Frequency = 1/[PWM Period] where: ( ) Maximum PWM Resolution (bits) = FCY FPWM log10 log10(2) bits 1. Find the Timer Period register value for a desired PWM frequency that is 52.08 kHz, where FCY = 16 MHz and a Timer2 prescaler setting of 1:1. TCY = 62.5 ns PWM Period = 1/PWM Frequency = 1/52.08 kHz = 19.2 μs PWM Period = (PR2 + 1) • TCY • (Timer2 Prescale Value) 19.2 μs = (PR2 + 1) • 62.5 ns • 1 PR2 = 306 2. Find the maximum resolution of the duty cycle that can be used with a 52.08 kHz frequency and a 32 MHz device clock rate: PWM Resolution = log10(FCY/FPWM)/log102) bits =(log10(16 MHz/52.08 kHz)/log102) bits = 8.3 bits |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |