Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC24HJ128GP310 Datasheet(PDF) 143 Page - Microchip Technology

No. de pieza PIC24HJ128GP310
Descripción Electrónicos  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 139Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 140Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 141Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 142Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 143Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 144Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 145Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 146Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 141
PIC24HJXXXGPX06/X08/X10
14.0 OUTPUT COMPARE
14.1
Setup for Single Output Pulse
Generation
When the OCM control bits (OCxCON<2:0>) are set to
‘100’, the selected output compare channel initializes
the OCx pin to the low state and generates a single
output pulse.
To generate a single output pulse, the following steps
are required (these steps assume timer source is
initially turned off but this is not a requirement for the
module operation):
1. Determine the instruction clock cycle time. Take
into account the frequency of the external clock to
the timer source (if one is used) and the timer
prescaler settings.
2. Calculate time to the rising edge of the output pulse
relative to the TMRy start value (0000h).
3. Calculate the time to the falling edge of the pulse
based on the desired pulse width and the time to the
rising edge of the pulse.
4. Write the values computed in steps 2 and 3 above
into the Output Compare register, OCxR, and the
Output Compare Secondary register, OCxRS,
respectively.
5. Set Timer Period register, PRy, to value equal to or
greater than value in OCxRS, the Output Compare
Secondary register.
6. Set the OCM bits to ‘100’ and the OCTSEL
(OCxCON<3>) bit to the desired timer source. The
OCx pin state will now be driven low.
7. Set the TON (TyCON<15>) bit to ‘1’, which enables
the compare time base to count.
8. Upon the first match between TMRy and OCxR, the
OCx pin will be driven high.
9. When the incrementing timer, TMRy, matches the
Output Compare Secondary register, OCxRS, the
second and trailing edge (high-to-low) of the pulse
is driven onto the OCx pin. No additional pulses are
driven onto the OCx pin and it remains at low. As a
result of the second compare match event, the
OCxIF interrupt flag bit is set, which will result in an
interrupt if it is enabled, by setting the OCxIE bit. For
further information on peripheral interrupts, refer to
Section 6.0 “Interrupt Controller”.
10. To initiate another single pulse output, change the
Timer and Compare register settings, if needed,
and then issue a write to set the OCM bits to ‘100’.
Disabling and re-enabling of the timer, and clear-
ing the TMRy register, are not required but may be
advantageous for defining a pulse from a known
event time boundary.
The output compare module does not have to be dis-
abled after the falling edge of the output pulse. Another
pulse can be initiated by rewriting the value of the
OCxCON register.
14.2
Setup for Continuous Output
Pulse Generation
When the OCM control bits (OCxCON<2:0>) are set to
‘101’, the selected output compare channel initializes
the OCx pin to the low state and generates output
pulses on each and every compare match event.
For the user to configure the module for the generation
of a continuous stream of output pulses, the following
steps are required (these steps assume timer source is
initially turned off but this is not a requirement for the
module operation):
1. Determine the instruction clock cycle time. Take
into account the frequency of the external clock to
the timer source (if one is used) and the timer
prescaler settings.
2. Calculate time to the rising edge of the output pulse
relative to the TMRy start value (0000h).
3. Calculate the time to the falling edge of the pulse,
based on the desired pulse width and the time to the
rising edge of the pulse.
4. Write the values computed in step 2 and 3 above
into the Output Compare register, OCxR, and the
Output Compare Secondary register, OCxRS,
respectively.
5. Set Timer Period register, PRy, to value equal to or
greater than value in OCxRS, the Output Compare
Secondary register.
6. Set the OCM bits to ‘101’ and the OCTSEL bit to the
desired timer source. The OCx pin state will now be
driven low.
7. Enable the compare time base by setting the TON
(TyCON<15>) bit to ‘1’.
8. Upon the first match between TMRy and OCxR, the
OCx pin will be driven high.
9. When the compare time base, TMRy, matches the
Output Compare Secondary register, OCxRS, the
second and trailing edge (high-to-low) of the pulse
is driven onto the OCx pin.
10. As a result of the second compare match event, the
OCxIF interrupt flag bit set.
11. When the compare time base and the value in its
respective Timer Period register match, the TMRy
register resets to 0x0000 and resumes counting.
12. Steps 8 through 11 are repeated and a continuous
stream of pulses is generated, indefinitely. The
OCxIF flag is set on each OCxRS-TMRy compare
match event.
Note:
This data sheet summarizes the features
of this group of PIC24HJXXXGPX06/X08/
X10 devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to the “PIC24H Family Reference
Manual”. Refer to the Microchip web site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com