Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC24HJ128GP310 Datasheet(PDF) 222 Page - Microchip Technology

No. de pieza PIC24HJ128GP310
Descripción Electrónicos  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 218Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 219Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 220Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 221Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 222Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 223Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 224Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 225Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 286 page
background image
PIC24HJXXXGPX06/X08/X10
DS70175F-page 220
© 2007 Microchip Technology Inc.
20.2
On-Chip Voltage Regulator
All of the PIC24HJXXXGPX06/X08/X10 devices power
their core digital logic at a nominal 2.5V. This may cre-
ate an issue for designs that are required to operate at
a higher typical voltage, such as 3.3V. To simplify sys-
tem
design,
all
devices
in
the
PIC24HJXXXGPX06/X08/X10 family incorporate an
on-chip regulator that allows the device to run its core
logic from VDD.
The regulator provides power to the core from the other
VDD pins. The regulator requires that a low-ESR (less
than 5 ohms) capacitor (such as tantalum or ceramic)
be connected to the VDDCORE/VCAP pin (Figure 20-1).
This helps to maintain the stability of the regulator. The
recommended value for the filter capacitor is provided
in TABLE 23-13: “Internal Voltage Regulator Speci-
fications” located in Section 23.1 “DC Characteris-
tics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 20-1:
ON-CHIP VOLTAGE
REGULATOR(1)
CONNECTIONS
20.3
BOR: Brown-Out Reset
The BOR (Brown-out Reset) module is based on an
internal voltage reference circuit that monitors the reg-
ulated voltage VDDCORE. The main purpose of the BOR
module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (i.e.,
missing portions of the AC cycle waveform due to bad
power transmission lines or voltage sags due to exces
ive current draw when a large inductive load is turned
on).
A BOR will generate a Reset pulse which will reset the
device. The BOR will select the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>). Furthermore, if an oscillator mode is
selected, the BOR will activate the Oscillator Start-up
Timer (OST). The system clock is held until OST
expires. If the PLL is used, then the clock will be held
until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) will be
applied before the internal Reset is released. If TPWRT
= 0 and a crystal oscillator is being used, then a nomi-
nal delay of TFSCM = 100 ìs is applied. The total delay
in this case is TFSCM.
The BOR Status bit (RCON<1>) will be set to indicate
that a BOR has occurred. The BOR circuit, if enabled,
continues to operate while in Sleep or Idle modes and
will reset the device should VDD fall below the BOR
threshold voltage.
Note 1:
These are typical operating voltages. Refer
to TABLE 23-13: “Internal Voltage Regu-
lator Specifications” located in
Section 23.1 “DC Characteristics” for the
full operating ranges of VDD and VDDCORE.
VDD
VDDCORE/VCAP
VSS
PIC24H
3.3V
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com