Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC24HJ128GP310 Datasheet(PDF) 218 Page - Microchip Technology

No. de pieza PIC24HJ128GP310
Descripción Electrónicos  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 214Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 215Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 216Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 217Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 218Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 219Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 220Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 221Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 286 page
background image
PIC24HJXXXGPX06/X08/X10
DS70175F-page 216
© 2007 Microchip Technology Inc.
TABLE 20-2:
PIC24HJXXXGPX06/X08/X10 CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BWRP
FBS
Boot Segment Program Flash Write Protection
1 = Boot segment may be written
0 = Boot segment is write-protected
BSS<2:0>
FBS
Boot Segment Program Flash Code Protection Size
X11 = No Boot program Flash segment
Boot space is 1K IW less VS
110 = Standard security; boot program Flash segment starts at End of VS,
ends at 0x0007FE
010 = High security; boot program Flash segment starts at End of VS, ends at
0x0007FE
Boot space is 4K IW less VS
101 = Standard security; boot program Flash segment starts at End of VS,
ends at 0x001FFE
001 = High security; boot program Flash segment starts at End of VS, ends at
0x001FFE
Boot space is 8K IW less VS
100 = Standard security; boot program Flash segment starts at End of VS,
ends at 0x003FFE
000 = High security; boot program Flash segment starts at End of VS, ends at
0x003FFE
RBS<1:0>
FBS
Boot Segment RAM Code Protection
10 = No Boot RAM defined
10 = Boot RAM is 128 Bytes
01 = Boot RAM is 256 Bytes
00 = Boot RAM is 1024 Bytes
SWRP
FSS
Secure Segment Program Flash Write Protection
1 = Secure segment may be written
0 = Secure segment is write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com