| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
APT5014BLLG Datasheet(PDF) 8 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT5014BLLG Datasheet(HTML) 8 Page - Microsemi Corporation |
|
8 / 44 page ![]() 8 Datasheets available on www.microsemi.com All Products RoHS Compliant BV (DSS) Volts R DS(ON) Max I D MOSFET Part # I D FREDFET Part # Package 600 0.62 12 APT12F60K TO-220 0.43 16 APT15F60B TO-247 or D3 0.37 19 APT18F60B TO-247 or D3 0.29 24 APT23F60B TO-247 or D3 0.22 30 APT28F60B TO-247 or D3 0.19 36 APT34M60B 36 APT34F60B TO-247 0.15 45 APT43M60B2 45 APT43F60B2 T-MAX® or TO-264 0.15 31 APT30M60J 31 APT30F60J ISOTOP® 0.11 60 APT56M60B2 60 APT56F60B2 T-MAX® or TO-264 0.11 42 APT39M60J 42 APT39F60J ISOTOP® 0.09 70 APT66M60B2 70 APT66F60B2 T-MAX® or TO-264 0.09 49 APT47M60J 49 APT47F60J ISOTOP® 0.055 84 APT80M60J 84 APT80F60J ISOTOP® 500 0.39 15 APT15F50K TO-220[K] or TO-220[KF]* 0.30 20 APT20F50B TO-247 or D3 0.24 24 APT24F50B TO-247 or D3 0.19 30 APT30F50B TO-247 or D3 0.15 37 APT37F50B TO-247 or D3 0.13 43 APT42F50B TO-247 or D3 0.10 56 APT56M50B2 56 APT56F50B2 T-MAX® or TO-264 0.10 38 APT38M50J 38 APT38F50J ISOTOP® 0.075 75 APT75M50B2 75 APT75F50B2 T-MAX® or TO-264 0.075 51 APT51M50J 51 APT51F50J ISOTOP® 0.062 84 APT84M50B2 84 APT84F50B2 T-MAX® or TO-264 0.062 58 APT58M50J 58 APT58F50J ISOTOP® 0.036 103 APT100M50J 103 APT100F50J ISOTOP® 300 0.085 40 APT30M85BVRG 40 APT30M85BVFRG TO-247 0.070 48 APT30M70BVRG 48 APT30M70BVFRG TO-247 or D3 0.040 70 APT30M40JVRG 70 APT30M40JVFRG ISOTOP® 0.019 130 APT30M19JVR 130 APT30M19JVFR ISOTOP® 200 0.045 56 APT20M45BVRG 56 APT20M45BVFRG TO-247 0.038 67 APT20M38BVRG 37 APT20M38BVFRG TO-247 or D3 or T/R 0.022 100 APT20M22B2VRG 100 APT20M22B2VFRG T-MAX® or TO-264 0.011 175 APT20M11JVR 175 APT20M11JVFR ISOTOP® TO-247[B] D3 PAK[S] ISOTOP®[J] SOT-227 (ISOLATED BASE) TO-264[L] T-MAX®[B2] TO-220[K] or TO-220[KF]* Part Numbers for D3 packages - replace "B" with "S" in part number Power MOS 8TM MOSFETs / FREDFETs Low Voltage Power MOS V® MOSFETs / FREDFETs Part Numbers for TO-264 packages - replace "B2" with "L" in part number * Available on APT15F50K |