Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F373R8 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STM32F373R8
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373R8 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F373R8 Datasheet HTML 4Page - STMicroelectronics STM32F373R8 Datasheet HTML 5Page - STMicroelectronics STM32F373R8 Datasheet HTML 6Page - STMicroelectronics STM32F373R8 Datasheet HTML 7Page - STMicroelectronics STM32F373R8 Datasheet HTML 8Page - STMicroelectronics STM32F373R8 Datasheet HTML 9Page - STMicroelectronics STM32F373R8 Datasheet HTML 10Page - STMicroelectronics STM32F373R8 Datasheet HTML 11Page - STMicroelectronics STM32F373R8 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
Introduction
STM32F37xxx
8/131
DocID022691 Rev 4
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F373x microcontrollers.
This STM32F373x datasheet should be read in conjunction with the STM32F373x reference
manual. The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Cortex™-M4 with FPU core, please refer to:
•
Cortex™-M4 with FPU Technical Reference Manual, available from the www.arm.com
website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.subset.cortexm.m4/
index.html
•
STM32F3xxx and STM32F4xxx Cortex-M4 programming manual (PM0214) available
from the www.st.com website at the following address: http://www.st.com/
st-web-ui/static/active/en/resource/technical/document/programming_manual/
DM00046982.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More