Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC12CE518 Datasheet(PDF) 95 Page - Microchip Technology

No. de pieza PIC12CE518
Descripción Electrónicos  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE518 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC12CE518 Datasheet HTML 91Page - Microchip Technology PIC12CE518 Datasheet HTML 92Page - Microchip Technology PIC12CE518 Datasheet HTML 93Page - Microchip Technology PIC12CE518 Datasheet HTML 94Page - Microchip Technology PIC12CE518 Datasheet HTML 95Page - Microchip Technology PIC12CE518 Datasheet HTML 96Page - Microchip Technology PIC12CE518 Datasheet HTML 97Page - Microchip Technology PIC12CE518 Datasheet HTML 98Page - Microchip Technology PIC12CE518 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 95
PIC12C5XX
FIGURE 14-5: WDT TIMER TIME-OUT
PERIOD vs. VDD
FIGURE 14-6: SHORT DRT PERIOD VS. VDD
MIn –40
°C
Typ +25
°C
Max +85
°C
Max +125
°C
55
50
45
40
35
30
25
20
15
10
0
2.5
3.5
4.5
5.5
6.5
VDD (Volts)
MIn –40
°C
Typ +25
°C
Max +85
°C
Max +125
°C
950
850
750
650
550
450
350
250
150
0
0
2.5
3.5
4.5
5.5
6.5
VDD (Volts)
FIGURE 14-7: IOH vs. VOH, VDD = 2.5 V
FIGURE 14-8: IOH vs. VOH, VDD = 3.5 V
Max -40
°C
Typ +25
°C
Min +85
°C
Min +125
°C
VOH (Volts)
.5
1.0
1.5
2.0
2.5
-0
-1
-2
-3
-4
-5
-10
2.25
1.75
1.25
.75
-6
-7
-8
-9
VOH (Volts)
1.5
2.0
2.5
3.0
3.5
0
-5
-10
-15
-20
-25
Min +125
°C
Min +85
°C
Typ +25
°C
Max -40
°C