Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP2120-IP Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza MCP2120-IP
Descripción Electrónicos  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120-IP Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2120-IP Datasheet HTML 15Page - Microchip Technology MCP2120-IP Datasheet HTML 16Page - Microchip Technology MCP2120-IP Datasheet HTML 17Page - Microchip Technology MCP2120-IP Datasheet HTML 18Page - Microchip Technology MCP2120-IP Datasheet HTML 19Page - Microchip Technology MCP2120-IP Datasheet HTML 20Page - Microchip Technology MCP2120-IP Datasheet HTML 21Page - Microchip Technology MCP2120-IP Datasheet HTML 22Page - Microchip Technology MCP2120-IP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 19
MCP2120
FIGURE 4-5:
Reset and Device Reset Timer Timing
TABLE 4-5:
RESET AND DEVICE RESET TIMER REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Operating Voltage VDD range is described in Section 4.1 “DC
Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
30
TRSTL
RESET Pulse Width (low)
2000
—
—
ns
VDD = 5.0 V
31
TLPT
Low Power Time-out Period
9
18
30
ms
VDD = 5.0 V
32
TDRT
Device Reset Timer Period
9
18
30
ms
VDD = 5.0 V
34
TioZ
Output Hi-impedance from
RESET Low or device Reset
—
—
2
µs
Note 1: Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated.
VDD
RESET
DRT
Time-out
Internal
RESET
Low Power
Timer
Reset
32
31
34
Output pin
32
32
34
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36