Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP3302DD Datasheet(PDF) 4 Page - Monolithic Power Systems

No. de pieza MP3302DD
Descripción Electrónicos  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3302DD Datasheet HTML 1Page - Monolithic Power Systems MP3302DD Datasheet HTML 2Page - Monolithic Power Systems MP3302DD Datasheet HTML 3Page - Monolithic Power Systems MP3302DD Datasheet HTML 4Page - Monolithic Power Systems MP3302DD Datasheet HTML 5Page - Monolithic Power Systems MP3302DD Datasheet HTML 6Page - Monolithic Power Systems MP3302DD Datasheet HTML 7Page - Monolithic Power Systems MP3302DD Datasheet HTML 8Page - Monolithic Power Systems MP3302DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
4
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-5
Pin #
QFN8
Pin #
Name
Pin Function
1
8
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect
the power inductor and output rectifier to SW. SW can swing between GND
and 36V.
2
1, 5
GND,
Exposed
Pad
Ground. Connect exposed pad to GND plane for proper thermal performance.
3
6
FB
Feedback Input. The MP3302 regulates the voltage across the current sense
resistor between FB and GND. Connect a current sense resistor from the
bottom of the LED string to GND. Connect the bottom of the LED string to FB.
The regulation voltage is 200mV.
4
4
EN
ON/OFF Control and Dimming Command Input. A voltage greater than 0.6V
will turn the part on and less than 0.4V will turn the part off. If the EN pin
voltage is between 0.7V and 1.4V, VFB is regulated between 0V and 200mV.
To use PWM dimming, apply a 200Hz to 1KHz square wave signal with
amplitude greater than 1.5V to this pin.
5
2
IN
Input Supply Pin. Must be locally bypassed.
3
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com